Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 2 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 2 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
ELECTRICAL CHARACTERISTICS (@ V
S = +5.0 V, TA = +25 C unless otherwise noted)
OP183/OP283–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
V
OS
V
CM = 2.5 V, VOUT = 2.5 V,
0.025
1.0
mV
–40
°C ≤ T
A ≤ +85°C
1.25
mV
Input Bias Current
I
B
V
CM = 2.5 V, VOUT = 2.5 V,
350
600
nA
–40
°C ≤ T
A ≤ +85°C
430
750
nA
Input Offset Current
I
OS
V
CM = 2.5 V, VOUT = 2.5 V,
nA
–40
°C ≤ T
A ≤ +85°C11
±50
nA
Input Voltage Range
0
+3.5
V
Common-Mode Rejection Ratio
CMRR
V
CM = 0 to 3.5 V
–40
°C ≤ T
A ≤ +85°C
70
104
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ, 0.2 ≤ VO ≤ 3.8 V
100
V/mV
Offset Voltage Drift
∆V
OS/∆T4
µV/°C
Bias Current Drift
∆I
B/∆T
–1.6
nA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 2 kΩ to GND
+4.0
4.22
V
Output Voltage Low
V
OL
R
L = 2 kΩ to GND
50
75
mV
Short Circuit Limit
I
SC
Source
25
mA
Sink
30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = +4 V to +6 V,
–40
°C ≤ T
A ≤ +85°C
70
104
dB
Supply Current/Amplifier
I
SY
V
O = 2.5 V,
–40
°C ≤ T
A ≤ +85°C
1.2
1.5
mA
Supply Voltage Range
V
S
+3
±18
V
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
510
V/
µs
Full-Power Bandwidth
BWp
1% Distortion
>50
kHz
Settling Time
t
S
To 0.01%
1.5
µs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
φm
46
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
en
f = 1 kHz, V
CM = 2.5 V
10
nV/
√Hz
Current Noise Density
in
0.4
pA/
√Hz
–2–
(@ V
S = +3.0 V, TA = +25 C unless otherwise noted)
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
V
OS
V
CM = 1.5 V, VOUT = 1.5 V,
0.3
1.0
mV
–40
°C ≤ T
A ≤ +85°C
1.25
mV
Input Bias Current
I
B
V
CM = 1.5 V, VOUT = 1.5 V,
350
600
nA
–40
°C ≤ T
A ≤ +85°C
750
nA
Input Offset Current
I
OS
V
CM = 1.5 V, VOUT = 1.5 V,
nA
–40
°C ≤ T
A ≤ +85°C11
±50
nA
Input Voltage Range
0
+1.5
V
Common-Mode Rejection Ratio
CMRR
V
CM = 0 V to 1.5 V,
–40
°C ≤ T
A ≤ +85°C
70
103
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ, 0.2 ≤ VO ≤ 1.8 V
100
260
V/mV
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 2 kΩ to GND
+2.0
2.25
V
Output Voltage Low
V
OL
R
L = 2 kΩ to GND
90
125
mV
Short Circuit Limit
I
SC
Source
25
mA
Sink
30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = +2.5 V to +3.5 V,
–40
°C ≤ T
A ≤ +85°C
60
113
dB
Supply Current/Amplifier
I
SY
–40
°C ≤ T
A ≤ +85°C, VO = 1.5 V
1.2
1.5
mA
DYNAMIC PERFORMANCE
Gain Bandwidth Product
GBP
5
MHz
NOISE PERFORMANCE
Voltage Noise Density
e
n
f = 1 kHz, V
CM
= 1.5 V
10
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com