Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 11 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices OP183 Datasheet HTML 11Page - Analog Devices OP183 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV.B
QB9
RB3
QB10
RB4
RB5
Q7
RB6
Q8
QB8
QB7
QB6
Q5
Q6
QB11
R9
QD2
Q12
CC2
CC3
R8
6
CO
QD3
Q11
R7
Q10
4
QB14
QB13
CF1
Q4
QD1
QB12
3
Q2
2
Q1
Q3
R2
R1
5
R11
R4LT
R4AT
R4A
R4B
CC1
R3A
R3AT
R10
1
R3LT
R3B
CB1
QB3
QB1
QB4
QB2
RB1
A
B
RB2
JB1
QB5A
7
Z1
R5
OP183/OP283
Figure 43. OP183 Simplified Schematic
* OP283 SPICE Macro-model
Rev. A, 9/93
*
JCB/ADI
*
* Copyright 1993 by Analog Devices
*
* Refer to “README.DOC” file for License Statement.
* Use of this model indicates your acceptance of the terms and
* provisions in the License Statement.
*
* Node assignments
*
noninverting input
*
| inverting input
*
| | positive supply
*
| | |
negative supply
*
| | |
|
output
*
|||
|
|
.SUBCKT OP283 2 1 99 50
45
*
* INPUT STAGE AND POLE AT 600 kHz
*
I1
99
8
1E-4
Q1
416
QP
Q2
537
QP
CIN
1
2
1.5PF
R1
50
4
1591
R2
50
5
1591
C1
4
5
83.4E-12
R3
6
8
1075
R4
7
8
1075
IOS
1
2
12.5E-9
EOS
3
2
POLY(1) (15,98) 25E-6 1
DC1
2
36
DZ
DC2
1
36
DZ
*
* GAIN STAGE AND DOMINANT POLE AT 10 Hz
*
EREF
98
0
POLY(2) (99,0) (50,0) 0 0.5 0.5
G1
98
9
(4,5) 6.28E-4
R5
9
98
1.59E9
C2
9
98
10E-12
D1
9
10
DX
D2
11
9
DX
E1
10
98
POLY(1) 99 98 -1.35 1.03
V2
50
11
–0.63
*
* COMMON MODE STAGE WITH ZERO AT 353 Hz
*
ECM
14
98
POLY(2) (1,98) (2,98) 0 3.5 3.5
R7
14
15
1E6
C4
14
15
3.75E-11
R8
15
98
1
*
*POLE AT 20 MHz
*
GP2
98
31
(9,98) 1E-6
RP2
31
98
1E6
CP2
31
98
7.96E-15
*
*ZERO AT 1.5 MHz
*
EZ1
32
98
(31,98) 1E6
RZ1
32
33
1E6
RZ2
33
98
1
CZ1
32
33
106E-15
*
*POLE AT 10 MHz
*
GP10
98
40
(33,98) 1E-6
RP10
40
98
1E6
CP10
40
98
15.9E-15
*
* OUTPUT STAGE
*
RO1
99
45
140
–11–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com