Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 4 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 4 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
ABSOLUTE MAXIMUM RATINGS1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 18 V
Differential Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . . . .
± 7V
Output Short-Circuit Duration to GND . . . . . . . . . . . . Indefinite
Storage Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP183/OP283G . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 Sec) . . . . . . . . . . +300
°C
Package Type
θ
JA
3
θ
JC
Units
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2For supply voltages less than
±7 V, the absolute maximum input voltage is equal
to the supply voltage. Maximum input current should not exceed 2 mA.
3
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for P-DIP packages;
θ
JA is specified for device soldered in circuit board for SOIC
packages.
OP183/OP283
DICE CHARACTERISTICS
OP183 Die Size 0.058 X 0.063 Inch, 3,717 Sq. Mils
Substrate (Die Backside) Is Connected to V–.
Transistor Count, 30.
V+
OUT
NULL
NULL
–IN
IN+
V–
OP283 Die Size 0.063 X 0.092 Inch, 5,796 Sq. Mils
Substrate (Die Backside) Is Connected to V–.
Transistor Count, 55.
V+ OUTB
–INB
OUTA
–INA
V–
+INB
+INA
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP183GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP183GS
–40
°C to +85°C
8-Pin SOIC
SO-8
OP283GP
–40
°C to +85°C
8-Pin Plastic DIP
N-8
OP283GS
–40
°C to +85°C
8-Pin SOIC
SO-8
–4–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com