Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 3 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 3 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV.B
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
V
OS
0.01
1.0
mV
–40
°C ≤ T
A ≤ +85°C
1.25
mV
Input Bias Current
I
B
300
600
nA
–40
°C ≤ T
A ≤ +85°C
400
750
nA
Input Offset Current
I
OS
–40
≤ T
A ≤ +85°C11
±50
nA
Input Voltage Range
–15
+13.5
V
Common-Mode Rejection Ratio
CMRR
V
CM = –15 V to +13.5 V,
–40
°C ≤ T
A ≤ +85°C70
86
dB
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ
100
1000
V/mV
Offset Voltage Drift
∆V
OS/∆T3
µV/°C
Bias Current Drift
∆I
B/∆T
–1.6
nA/
°C
Long Term Offset Voltage
V
OS
Note 1
1.5
mV
OUTPUT CHARACTERISTICS
Output Voltage High
V
OH
R
L = 2 kΩ to GND, –40°C ≤ TA ≤ +85°C
+13.9 14.1
V
Output Voltage Low
V
OL
R
L = 2 kΩ to GND, –40°C ≤ TA ≤ +85°C
–14.05
–13.9
V
Short-Circuit Limit
I
SC
Source
30
mA
Sink
50
mA
Open -Loop Output Impedance
Z
OUT
f = 1 MHz, A
V = +1
15
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
S = ± 2.5 V to ± 18 V,
–40
°C ≤ T
A ≤ +85°C
70
112
dB
Supply Current/Amplifier
I
SY
V
S = ± 18 V, VO = 0 V,
–40
°C ≤ T
A ≤ +85°C
1.2
1.75
mA
Supply Voltage Range
V
S
+3
±18
V
DYNAMIC PERFORMANCE
Slew Rate
SR
R
L = 2 kΩ
10
15
V/
µs
Full-Power Bandwidth
BW
p
1% Distortion
50
kHz
Settling Time
t
S
To 0.01%
1.5
µs
Gain Bandwidth Product
GBP
5
MHz
Phase Margin
φm
56
degrees
NOISE PERFORMANCE
Voltage Noise
e
n p-p
0.1 Hz to 10 Hz
2
µV p-p
Voltage Noise Density
e
n
f = 1 kHz
10
nV/
√Hz
Current Noise Density
i
n
0.4
pA/
√Hz
NOTES
1Long term offset voltage is guaranteed by a 1000 hour life test performed on three independent lots at +125
°C, with an LTPD of 1.3.
Specifications subject to change without notice.
(@ V
S =
15.0 V, T
A = +25 C unless otherwise noted)
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
V
OS
V
S = ± 15 V, VO = 0 V
1.0
mV max
Input Bias Current
I
B
V
CM = 2.5 V
±600
nA max
Input Offset Current
I
OS
V
CM = 2.5 V
±50
nA max
Common-Mode Rejection
CMRR
V
CM = 0 V to 3.5 V
70
dB min
Power Supply Rejection Ratio
PSRR
V =
±2.5 V to ±18 V
70
dB min
Large Signal Voltage Gain
A
VO
R
L = 2 kΩ, 0.2 ≤ VO
≤ 3.8 V
100
V/mV min
Output Voltage High
V
OH
R
L = 2 kΩ
4.0
V min
Output Voltage Low
V
OL
R
L = 2 kΩ
75
mV max
Supply Current/Amplifier
I
SY
V
S = ± 15 V, VO = 0 V, RL =
∞
1.5
mA max
NOTE
Electrical tests and wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard
product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
(@ V
S = +5.0 V, TA = +25 C unless otherwise noted)
OP183/OP283
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com