Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet (PDF) - Analog Devices

ADP2386ACPZN-R7 Datasheet PDF - Analog Devices
Part # ADP2386ACPZN-R7
Download  ADP2386ACPZN-R7 Download
File Size   711.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator

ADP2386ACPZN-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2386ACPZN-R7 Datasheet PDF - Analog Devices

Part # ADP2386ACPZN-R7
Download  ADP2386ACPZN-R7 Click to download

File Size   711.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator

ADP2386ACPZN-R7 Datasheet (HTML) - Analog Devices


ADP2386ACPZN-R7 Product details

GENERAL DESCRIPTION
The ADP2386 is a synchronous step-down, dc-to-dc regulator with an integrated 44 mΩ, high-side power MOSFET and an 11 mΩ, synchronous rectifier MOSFET to provide a high efficiency solution in a compact 4 mm × 4 mm LFCSP package.
   
FEATURES
    Input voltage: 4.5 V to 20 V
    Integrated MOSFET: 44 mΩ/11 mΩ
    Reference voltage: 0.6 V ± 1%
    Continuous output current: 6 A
    Programmable switching frequency: 200 kHz to 1.4 MHz
    Synchronizes to external clock: 200 kHz to 1.4 MHz
    180° out of phase clock synchronization
    Precision enable and power good
    External compensation
    Internal soft start with external adjustable option
    Startup into a precharged output
    Supported by ADIsimPower design tool
   
APPLICATIONS
    Communications infrastructure
    Networking and servers
    Industrial and instrumentation
    Healthcare and medical
    Intermediate power rail conversion
    DC-to-dc point-of-load applications
   




Similar Part No. - ADP2386ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380-EVALZ AD-ADP2380-EVALZ Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ AD-ADP2380AREZ Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ-R7 AD-ADP2380AREZ-R7 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
More results


Similar Description - ADP2386ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com