Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADP2386
Rev. A | Page 9 of 24
TEMPERATURE (°C)
5
15
25
35
45
55
65
–40
–20
0
20
40
60
80
100
120
HIGH-SIDE RDSON
LOW-SIDE RDSON
Figure 16. MOSFET RDSON vs. Temperature
CH1 10mV
CH2 10V
M2.00µs
A CH2
6V
1
3
2
T 50.2%
B
W
CH3 2A
Ω
VOUT (AC)
IL
SW
Figure 17. Working Mode Waveform
CH1 2V
CH2 5V
M2.00ms
A CH2
2V
4
1
2
3
T 50%
B
W
CH3 5A
CH4 10V
Ω
EN
VOUT
PGOOD
IL
Figure 18. Voltage Precharged Output
TEMPERATURE (°C)
7.5
8.0
8.5
9.0
9.5
10.0
10.5
–40
–20
0
20
40
60
80
100
120
Figure 19. Current-Limit Threshold vs. Temperature
M2.00ms
A CH2
5.8V
4
1
2
3
T 50%
Ω
CH1 2V
CH2 5V
B
W
CH3 10V
CH4 5A
EN
VOUT
PGOOD
IOUT
Figure 20. Soft Start with Full Load
CH2 5V
CH4 10V
M1.00µs
A CH4
7.8V
4
2
T 50%
SYNC
SW
Figure 21. External Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com