Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 10 of 24
CH1 100mV
M200µs
A CH4
2.8A
1
4
T 70.4%
B
W
CH4 2A
Ω
VOUT (AC)
IOUT
Figure 22. Load Transient Response, 1 A to 5 A
Ω
CH1 2V
CH2 10V
M4.00ms
A CH1
2.12V
4
1
2
T 30.2%
B
W
CH4 5A
VOUT
SW
IL
Figure 23. Output Short Entry
0
1
2
3
4
5
6
7
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 24. Load Current vs. Ambient Temperature at VIN = 12 V,
fSW = 600 kHz
CH1 20mV
CH2 10V
M1.00ms
A CH3
12.4V
1
2
3
T 20%
B
W
B
W
B
W
CH3 5V
SW
VIN
VOUT (AC)
Figure 25. Line Transient Response, VIN from 8 V to 14 V, IOUT = 6 A
Ω
CH2 10V
CH4 5A
CH1 2V
B
W
M4.00ms
A CH1
2.12V
4
1
2
T 70.4%
VOUT
SW
IL
Figure 26. Output Short Recovery
0
1
2
3
4
5
6
7
25
40
55
70
85
100
AMBIENT TEMPERATURE (°C)
VOUT = 1V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 27. Load Current vs. Ambient Temperature at VIN = 12 V,
fSW = 300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com