Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADP2386
Rev. A | Page 15 of 24
APPLICATIONS INFORMATION
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by
the switch current on PVIN. Place the input capacitor as close
as possible to the PVIN pin. A ceramic capacitor in the 10 μF to
47 μF range is recommended. The loop that is composed of this
input capacitor, the high-side N-MOSFET, and the low-side N-
MOSFET must be kept as small as possible.
The voltage rating of the input capacitor must be greater than
the maximum input voltage. Ensure that the rms current rating
of the input capacitor is larger than the value calculated from
the following equation:
IC
IN
_RMS = IOUT ×
)
1
(
D
D
−
×
OUTPUT VOLTAGE SETTING
The output voltage of the ADP2386 is set by an external resistive
divider. The resistor values are calculated using
VOUT = 0.6 ×


+
BOT
TOP
R
R
1
To limit the output voltage accuracy degradation due to the FB
bias current (0.1 µA maximum) to less than 0.5% (maximum),
ensure that RBOT < 30 kΩ.
Table 6 lists the recommended resistor divider values for the
various output voltages.
Table 6. Resistor Divider Values for Various Output Voltages
VOUT (V)
RTOP ± 1% (kΩ)
RBOT ± 1% (kΩ)
1.0
1.2
1.5
1.8
2.5
3.3
5.0
10
10
15
20
47.5
10
22
15
10
10
10
15
2.21
3
VOLTAGE CONVERSION LIMITATIONS
The minimum output voltage for a given input voltage and
switching frequency is constrained by the minimum on time.
The minimum on time of the ADP2386 is typically 125 ns.
The minimum output voltage for a given input voltage and
switching frequency can be calculated using the following:
VOUT_MIN = VIN × tMIN_ON × fSW − (RDSON_HS − RDSON_LS) ×
IOUT_MIN × tMIN_ON × fSW − (RDSON_LS + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
VIN is the input voltage.
tMIN_ON is the minimum on time.
fSW is the switching frequency.
RDSON_HS is the high-side MOSFET on resistance.
RDSON_LS is the low-side MOSFET on resistance.
IOUT_MIN is the minimum output current.
RL is the series resistance of the output inductor.
The maximum output voltage for a given input voltage and
switching frequency is constrained by the minimum off time
and the maximum duty cycle. The minimum off time is typically
200 ns, and the maximum duty cycle of the ADP2386 is
typically 90%.
The maximum output voltage, limited by the minimum off time
at a given input voltage and switching frequency, can be calculated
using the following equation:
VOUT_MAX = VIN × (1 − tMIN_OFF × fSW) − (RDSON_HS − RDSON_LS) ×
IOUT_MAX × (1 − tMIN_OFF × fSW) − (RDSON_LS + RL) × IOUT_MAX (2)
where:
VOUT_MAX is the maximum output voltage.
VIN is the input voltage.
tMIN_OFF is the minimum off time.
fSW is the switching frequency.
RDSON_HS is the high-side MOSFET on resistance.
RDSON_LS is the low-side MOSFET on resistance.
IOUT_MAX is the maximum output current.
RL is the series resistance of the output inductor.
The maximum output voltage, limited by the maximum duty
cycle at a given input voltage, can be calculated using the
following equation:
VOUT_MAX = DMAX × VIN
(3)
where DMAX is the maximum duty cycle; VIN is the input voltage.
As shown in Equation 1 to Equation 3, reducing the switching
frequency alleviates the minimum on time and minimum off
time limitation.
INDUCTOR SELECTION
The inductor value is determined by the operating frequency,
input voltage, output voltage, and inductor ripple current. Using
a small inductor value leads to a faster transient response; however,
it degrades efficiency, due to a larger inductor ripple current.
Using a large inductor value leads to smaller ripple current and
better efficiency, but it results in a slower transient response.
As a guideline, the inductor ripple current, ΔIL, is typically set
to one-third of the maximum load current. The inductor value
is calculated using the following equation:
L =
SW
L
OUT
IN
f
I
D
V
V
×
∆
×
−
)
(
where:
VIN is the input voltage.
VOUT is the output voltage.
D is the duty cycle (D = VOUT/VIN).
ΔIL is the inductor current ripple.
fSW is the switching frequency.
The ADP2386 uses adaptive slope compensation in the current
loop to prevent subharmonic oscillations when the duty cycle
is larger than 50%. The internal slope compensation limits the
minimum inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com