Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 12 of 24
THEORY OF OPERATION
The ADP2386 is a synchronous step-down, dc-to-dc regulator
that uses a current-mode architecture with an integrated high-
side power switch and a low-side synchronous rectifier. The
regulator targets high performance applications that require
high efficiency and design flexibility.
The ADP2386 operates from an input voltage that ranges from
4.5 V to 20 V and regulates the output voltage from 0.6 V to 90%
of the input voltage. Additional features that maximize design
flexibility include the following: programmable switching
frequency, programmable soft start, external compensation,
precision enable, and a power-good output.
CONTROL SCHEME
The ADP2386 uses a fixed frequency, peak current-mode PWM
control architecture. At the start of each oscillator cycle, the high-
side N-MOSFET is turned on, putting a positive voltage across
the inductor. When the inductor current crosses the peak inductor
current threshold, the high-side N-MOSFET is turned off and
the low-side N-MOSFET is turned on. This puts a negative voltage
across the inductor, causing the inductor current to decrease.
The low-side N-MOSFET stays on for the rest of the cycle (see
Figure 17).
PRECISION ENABLE/SHUTDOWN
The EN input pin has a precision analog threshold of 1.17 V
(typical) with 100 mV of hysteresis. When the enable voltage
exceeds 1.17 V, the regulator turns on; when it falls to less than
1.07 V (typical), the regulator turns off. To force the regulator
to automatically start when input power is applied, connect EN
to PVIN.
The precision EN pin has an internal pull-down current source
(5 µA) that provides a default turn-off when the EN pin is open.
When the EN pin voltage exceeds 1.17 V (typical), the ADP2386
is enabled and the internal pull-down current source at the EN
pin decreases to 1 µA, which allows users to program the PVIN
UVLO and hysteresis.
INTERNAL REGULATOR (VREG)
The on-board regulator provides a stable supply for the internal
circuits. It is recommended that a 1 µF ceramic capacitor be
placed between the VREG and GND pins. The internal regulator
includes a current-limit circuit to protect the output if the
maximum external load current is exceeded.
BOOTSTRAP CIRCUITRY
The ADP2386 includes a regulator to provide the gate drive
voltage for the high-side N-MOSFET. It uses differential sensing to
generate a 5 V bootstrap voltage between the BST and SW pins.
It is recommended that a 0.1 µF, X7R or X5R ceramic capacitor
be placed between the BST pin and the SW pin.
OSCILLATOR
The ADP2386 switching frequency is controlled by the RT pin.
A resistor from RT to GND can program the switching frequency
according to the following equation:
fSW (kHz) =
15
)
(k
69120
+
Ω
T
R
A 100 kΩ resistor sets the frequency to 600 kHz, and a 42.2 kΩ
resistor sets the frequency to 1.2 MHz. Figure 29 shows the
typical relationship between fSW and RT.
1400
20
60
100
140
180
220
260
300
RT (kΩ)
1200
1000
800
600
400
200
0
Figure 29. Switching Frequency vs. RT
SYNCHRONIZATION
To synchronize the ADP2386, connect an external clock to the
SYNC pin. The external clock frequency can be in the range
of 200 kHz to 1.4 MHz. During synchronization, the regulator
operates in continuous conduction mode (CCM), and the rising
edge of the switching waveform runs 180° out of phase to the rising
edge of the external clock.
When the ADP2386 operates in synchronization mode, a resistor
must be connected from the RT pin to GND to program the
internal oscillator to run at 90% to 110% of the external
synchronization clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com