Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
SW
SW
GND
VREG
FB
COMP
PGND
25
GND
26
SW
SW
BST
PVIN
PVIN
PVIN
NOTES
1. THE EXPOSED GND PAD MUST BE SOLDERED
TO A LARGE, EXTERNAL, COPPER GND PLANE
TO REDUCE THERMAL RESISTANCE.
2. THE EXPOSED SW PAD MUST BE CONNECTED
TO THE SW PINS OF THE ADP2386 BY USING
SHORT, WIDE TRACES, OR ELSE SOLDERED
TO A LARGE, EXTERNAL, COPPER SW PLANE
TO REDUCE THERMAL RESISTANCE.
ADP2386
TOP VIEW
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Error Amplifier Output. Connect an RC network from COMP to GND.
2
FB
Feedback Voltage Sense Input. Connect to a resistor divider from the output voltage, VOUT.
3
VREG
Output of the Internal 8 V Regulator. The control circuits are powered from this voltage. Place a 1 µF,
X7R or X5R ceramic capacitor between this pin and GND.
4
GND
Analog Ground. Return of internal control circuit.
5, 6, 7, 14
SW
Switch Node Output. Connect to the output inductor.
8, 9, 10, 11, 12, 13
PGND
Power Ground. Return of low-side power MOSFET.
15
BST
Supply Rail for the High-Side Gate Drive. Place a 0.1 µF, X7R or X5R capacitor between SW and BST.
16, 17, 18, 19
PVIN
Power Input. Connect to the input power source and connect a bypass capacitor between this pin and PGND.
20
EN
Precision Enable Pin. An external resistor divider can be used to set the turn-on threshold. To enable the
part automatically, connect the EN pin to the PVIN pin.
21
PGOOD
Power-Good Output (Open Drain). A pull-up resistor of 10 kΩ to 100 kΩ is recommended.
22
RT
Frequency Setting. Connect a resistor between RT and GND to program the switching frequency from
200 kHz to 1.4 MHz.
23
SYNC
Synchronization Input. Connect this pin to an external clock to synchronize the switching frequency
within a range from 200 kHz to 1.4 MHz. See the Oscillator section and Synchronization section for
more information.
24
SS
Soft Start Control. Connect a capacitor from SS to GND to program the soft start time. If this pin is open,
the regulator uses the internal soft start time.
25
EP, GND
The exposed GND pad must be soldered to a large, external, copper GND plane to reduce thermal
resistance.
26
EP, SW
The exposed SW pad must be connected to the SW pins of the ADP2386 by using short, wide traces, or
else soldered to a large, external, copper SW plane to reduce thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com