Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP2386ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 4 of 24
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PGOOD
Power-Good Range
FB Rising Threshold
PGOOD from low to high
95
%
FB Rising Hysteresis
PGOOD from high to low
5
%
FB Falling Threshold
PGOOD from low to high
105
%
FB Falling Hysteresis
PGOOD from high to low
11.7
%
Power-Good Deglitch Time
PGOOD from low to high
1024
Clock cycles
PGOOD from high to low
16
Clock cycles
Power-Good Leakage Current
VPGOOD = 5 V
0.01
0.1
µA
Power-Good Output Low Voltage
IPGOOD = 1 mA
125
190
mV
EN
EN Rising Threshold
1.17
1.25
V
EN Falling Threshold
0.97
1.07
V
EN Source Current
EN voltage below falling threshold
5
µA
EN voltage above rising threshold
1
µA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
25
°C
1
Pin-to-pin measurement.
2
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com