Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 16 of 24
For a duty cycle that is larger than 50%, the minimum inductor
value is determined using the following equation:
L (Minimum) =
SW
OUT
f
D
V
×
−
×
2
)
1
(
The peak inductor current is calculated by
IPEAK = IOUT +
2
L
I
∆
The saturation current of the inductor must be larger than the peak
inductor current. For ferrite core inductors with a quick saturation
characteristic, the saturation current rating of the inductor must
be higher than the current-limit threshold of the switch. This
prevents the inductor from reaching saturation.
The rms current of the inductor is calculated as follows:
IRMS =
12
2
2
L
OUT
I
I
∆
+
Shielded ferrite core materials are recommended for low core
loss and low EMI. Table 7 lists some recommended inductors.
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects the output ripple voltage
load step transient and the loop stability of the regulator.
For example, during a load step transient where the load is
suddenly increased, the output capacitor supplies the load until
the control loop can ramp up the inductor current. The delay
caused by the control loop causes output undershoot. The
output capacitance that is required to satisfy the voltage droop
requirement can be calculated using the following equation:
COUT_UV =
UV
OUT
OUT
IN
STEP
UV
V
V
V
L
I
K
_
2
)
(
2
∆
×
−
×
×
∆
×
where:
KUV is a factor, with a typical setting of KUV = 2.
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage.
Another example occurs when a load is suddenly removed from
the output, and the energy stored in the inductor rushes into
the output capacitor, causing the output to overshoot.
The output capacitance that is required to meet the overshoot
requirement can be calculated using the following equation:
COUT_OV =
2
2
_
2
)
(
OUT
OV
OUT
OUT
STEP
OV
V
V
V
L
I
K
−
∆
+
×
∆
×
where:
ΔVOUT_OV is the allowable overshoot on the output voltage.
KOV is a factor, with a typical setting of KOV = 2.
The output ripple is determined by the ESR and the value of the
capacitance. Use the following equations to select a capacitor
that can meet the output ripple requirements:
COUT_RIPPLE =
RIPPLE
OUT
SW
L
V
f
I
_
8
∆
×
×
∆
RESR =
L
RIPPLE
OUT
I
V
∆
∆
_
where:
ΔIL is the inductor current ripple.
ΔVOUT_RIPPLE is the allowable output ripple voltage.
RESR is the equivalent series resistance of the output capacitor
in ohms (Ω).
Select the largest output capacitance given by COUT_UV, COUT_OV,
and COUT_RIPPLE to meet both load transient and output ripple
performance.
Table 7. Recommended Inductors
Vendor
Part No.
Value (µH)
ISAT (A)
IRMS (A)
DCR (mΩ)
Toko
FDVE0630-R47M
0.47
15.6
14.1
3.7
FDVE0630-R75M
0.75
10.9
10.7
6.2
FDVE0630-1R0M
1.0
9.5
9.5
8.5
FDVE1040-1R5M
1.5
13.7
14.6
4.6
FDVE1040-2R2M
2.2
11.4
11.6
6.8
FDVE1040-3R3M
3.3
9.8
9.0
10.1
FDVE1040-4R7M
4.7
8.2
8.0
13.8
Vishay
IHLP3232DZ-R47M-11
0.47
14
25
2.38
IHLP3232DZ-R68M-11
0.68
14.5
22.2
3.22
IHLP3232DZ-1R0M-11
1.0
12
18.2
4.63
IHLP4040DZ-1R5M-01
1.5
27.5
15
5.8
IHLP4040DZ-2R2M-01
2.2
25.6
12
9
IHLP4040DZ-3R3M-01
3.3
18.6
10
14.4
IHLP4040DZ-4R7M-01
4.7
17
9.5
16.5
Wurth Elektronik
744 325 120
1.2
25
20
1.8
744 325 180
1.8
18
16
3.5
744 325 240
2.4
17
14
4.75
744 325 330
3.3
15
12
5.9
744 325 420
4.2
14
11
7.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com