Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 22 of 24
TYPICAL APPLICATIONS CIRCUITS
ADP2386
BST
FB
COMP
PGOOD
GND
SYNC
SW
PGND
EN
PVIN
VIN = 12V
CIN
10µF
25V
COUT1
470µF
6.3V
COUT2
10µF
6.3V
L1
1µH
CBST
0.1µF
VOUT = 1.2V
RTOP
10kΩ
1%
RBOT
10kΩ
1%
CCP
68pF
CC
1.5nF
RC
66.5kΩ
VREG
RT
SS
CSS
22nF
CVREG
1µF
RT
124kΩ
Figure 37. Typical Applications Circuit, VIN = 12 V, VOUT = 1.2 V, IOUT = 6 A, fSW = 500 kHz
ADP2386
BST
FB
COMP
PGOOD
GND
SYNC
SW
PGND
EN
PVIN
VIN = 12V
CIN
10µF
25V
COUT1
100µF
6.3V
COUT2
100µF
6.3V
COUT3
100µF
6.3V
L1
1.5µH
CBST
0.1µF
VOUT = 1.8V
RTOP
20kΩ
1%
RBOT
10kΩ
1%
CCP
8.2pF
CC
1.2nF
RC
47kΩ
RT
VREG
SS
CVREG
1µF
RPGOOD
100kΩ
RT
100kΩ
Figure 38. Typical Applications Circuit Using Internal Soft Start, VIN = 12 V, VOUT = 1.8 V, IOUT = 6 A, fSW = 600 kHz
ADP2386
BST
FB
COMP
PGOOD
GND
SYNC
SW
PGND
EN
PVIN
VIN = 12V
CIN
10µF
25V
COUT
100µF
6.3V
L1
3.3µH
CBST
0.1µF
VOUT = 5V
RTOP
22kΩ
1%
RBOT
3kΩ
1%
CCP
2.2pF
CC
1.2nF
RC
44.2kΩ
RT
VREG
SS
CVREG
1µF
CSS
22nF
RBOT_EN
2kΩ
RTOP_EN
16.9kΩ
RT
100kΩ
Figure 39. Programming Input Voltage UVLO Rising Threshold at 11 V, Falling Threshold at 10 V, VIN = 12 V, VOUT = 5 V, IOUT = 6 A, fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com