Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
ADP2386
Rev. A | Page 17 of 24
The selected output capacitor voltage rating must be greater
than the output voltage. The rms current rating of the output
capacitor must be larger than the value that is calculated by
using the following equation:
IC
OUT_RMS =
12
L
I
∆
PROGRAMMING THE INPUT VOLTAGE UVLO
The ADP2386 has a precision enable input that can be used to
program the UVLO threshold of the input voltage (see Figure 31).
EN
EN CMP
ADP2386
1.17V
4µA
1µA
PVIN
RTOP_EN
RBOT_EN
Figure 31. Programming the Input Voltage UVLO
Use the following equations to calculate RTOP_EN and RBOT_EN:
RTOP_EN =
μA
1
V
17
.
1
μA
5
V
07
.
1
V
17
.
1
V
07
.
1
_
_
×
−
×
×
−
×
FALLING
IN
RISING
IN
V
V
RBOT_EN =
V
17
.
1
μA
5
V
17
.
1
_
_
_
−
×
−
×
EN
TOP
RISING
IN
EN
TOP
R
V
R
where:
VIN_RISING is the VIN rising threshold.
VIN_FALLING is the VIN falling threshold.
COMPENSATION DESIGN
For peak current-mode control, the power stage can be simplified
as a voltage controlled current source supplying current to the
output capacitor and load resistor. It is composed of one domain
pole and a zero that is contributed by the output capacitor ESR.
The control-to-output transfer function is based on the following:
GVD (s) =
)
(
)
(
s
V
s
V
COMP
OUT
= AVI × R ×


×
×
+


×
×
+
P
Z
f
s
f
s
π
π
2
1
2
1
fZ =
OUT
ESR
C
R
×
×
×
π
2
1
fP =
OUT
ESR
C
R
R
×
+
×
×
)
(
2
1
π
where:
AVI = 8.7 A/V.
R is the load resistance.
COUT is the output capacitance.
RESR is the equivalent series resistance of the output capacitor.
The ADP2386 uses a transconductance amplifier for the error
amplifier and to compensate the system. Figure 32 shows the
simplified, peak current-mode control, small signal circuit.
RESR
R
+
–
g
m
RC
CCP
COUT
CC
RTOP
RBOT
–
+
AVI
VOUT
VCOMP
VOUT
Figure 32. Simplified Peak Current Mode Control, Small Signal Circuit
The compensation components, RC and CC, contribute a zero,
and RC and the optional CCP contribute an optional pole.
The closed-loop transfer equation is as follows:
TV (s) =
×
+
−
×
+
CP
C
m
TOP
BOT
BOT
C
C
g
R
R
R
1
()
(1
)
CC
VD
CCCP
C
CP
RC
s
Gs
RC
C
ss
CC
+
××
×
××
×+
×
+
The following design guideline shows how to select the RC, CC,
and CCP compensation components for ceramic output
capacitor applications:
1. Determine the cross frequency, fC. Generally, fC is between
fSW/12 and fSW/6.
2. Calculate RC, using the following equation:
RC =
VI
m
C
OUT
OUT
A
g
f
C
V
×
×
×
×
×
×
V
6
.
0
2
π
3. Place the compensation zero at the domain pole, fP; then
determine CC by using the following equation:
CC =
C
OUT
ESR
R
C
R
R
×
+
)
(
4. CCP is optional. It can be used to cancel the zero caused by
the ESR of the output capacitor.
CCP =
C
OUT
ESR
R
C
R
×
ADIsimPOWER DESIGN TOOL
The ADP2386 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs that are optimized for a specific design goal. The
tools enable the user to generate a full schematic and bill of
materials and calculate performance in minutes. ADIsimPower
can optimize designs for cost, area, efficiency, and part count,
while taking into consideration the operating conditions and
limitations of the IC and all real external components. For more
information about theADIsimPower design tools, refer to
www.analog.com/ADIsimPower. The tool set is available from
this website, and users can request an unpopulated board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com