Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 14 of 24
OVERVOLTAGE PROTECTION (OVP)
The ADP2386 includes an overvoltage protection feature
to protect the regulator against an output short to a higher
voltage supply or when a strong load disconnect transient
occurs. If the feedback voltage increases to 0.7 V, the internal
high-side and low-side MOSFETs are turned off until the
voltage at the FB pin decreases to 0.63 V. At that time, the
ADP2386 resumes normal operation.
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage lockout circuitry is integrated in the ADP2386 to
prevent the occurrence of power-on glitches. If the VPVIN voltage
falls to less than 3.8 V typical, the part shuts down, and both the
power switch and synchronous rectifier turn off. When the
VPVIN voltage rises to greater than 4.3 V typical, the soft start
period is initiated, and the part is enabled.
THERMAL SHUTDOWN
If the ADP2386 junction temperatures rises to greater than 150°C,
the internal thermal shutdown circuit turns off the regulator for
self-protection. Extreme junction temperatures can be the result of
high current operation, poor circuit board thermal design,
and/or high ambient temperature. A 25°C hysteresis is included
in the thermal shut-down circuit so that, if an overtemperature
event occurs, the ADP2386 does not return to normal operation
until the on-chip temperature falls to less than 125°C. Upon
recovery, a soft start is initiated before normal operation begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com