Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADP2386
Rev. A | Page 19 of 24
OUTPUT CAPACITOR SELECTION
The output capacitor is required to meet both the output voltage
ripple and load transient response requirements.
To meet the output voltage ripple requirement, use the following
equation to calculate the ESR and capacitance value of the output
capacitor:
COUT_RIPPLE =
RIPPLE
OUT
SW
L
V
f
I
_
8
∆
×
×
∆
RESR =
L
RIPPLE
OUT
I
V
∆
∆
_
This calculation results in COUT_RIPPLE = 11.4 μF, and RESR = 18 mΩ.
To meet the ±5% overshoot and undershoot transient
requirements, use the following equations to calculate the
capacitance:
COUT_OV =
2
2
_
2
)
(
OUT
OV
OUT
OUT
STEP
OV
V
V
V
L
I
K
−
∆
+
×
∆
×
COUT_UV =
UV
OUT
OUT
IN
STEP
UV
V
V
V
L
I
K
_
2
)
(
2
∆
×
−
×
×
∆
×
where:
KOV = KUV = 2 are the coefficients for estimation purposes.
∆ISTEP = 4 A is the load transient step.
∆VOUT_OV = 5% VOUT is the overshoot voltage.
∆VOUT_UV = 5% VOUT is the undershoot voltage.
This calculation results in COUT_OV = 63.1 μF, and COUT_UV = 24.5 μF.
According to the calculation, the output capacitance must be
greater than 63 μF, and the ESR of the output capacitor must be
smaller than 18 mΩ. It is recommended that one 100 μF/X5R/
6.3 V ceramic capacitor and one 47 μF/X5R/6.3 V ceramic
capacitor be used, such as the GRM32ER60J107ME20 and
GRM32ER60J476ME20 from Murata, with an ESR of 2 mΩ.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the cross
frequency, fC, to fSW/10. In this case, fSW is running at 600 kHz;
therefore, the fC is set to 60 kHz.
The 100 µF and 47 µF ceramic output capacitors have a derated
value of 62 µF and 32 µF.
RC = 2
3.3V
94
μF 60kHz
0.6 V
480
μs 8.7 A/ V
π
× ×
×
×
××
= 46.7 kΩ
CC = (0.55
0.002
)
94
μF
46.7 k
Ω
Ω+
Ω ×
= 1111 pF
CCP = 0.002
94
μF
46.7 k
Ω
Ω×
= 4.0 pF
Choose standard components, as follows: RC = 44.2 kΩ,
CC = 1200 pF, and CCP = 4.7 pF.
Figure 34 shows the bode plot at 6 A. The cross frequency is
58 kHz, and the phase margin is 61°.
1k
10k
100k
FREQUENCY (Hz)
1M
60
48
36
24
12
0
–12
–24
–36
–48
–60
180
144
108
72
36
0
–36
–72
–108
–144
–180
Figure 34. Bode Plot at 6 A
SOFT START TIME PROGRAM
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting the inrush current. Set the soft start time
to 4 ms.
CSS =
V
6
.
0
μA
2
.
3
ms
4
6
.
0
_
_
×
=
×
UP
SS
EXT
SS
I
t
= 21.3 nF
Choose a standard component value, as follows: CSS = 22 nF.
INPUT CAPACITOR SELECTION
Place a minimum 10 μF ceramic capacitor near the PVIN pin.
In this application, it is recommended that one 10 μF, X5R, 25 V
ceramic capacitor be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com