Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2386ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
20 V, 6 A, Synchronous Step-Down
DC-to-DC Regulator
Data Sheet
ADP2386
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Input voltage: 4.5 V to 20 V
Integrated MOSFET: 44 mΩ/11 mΩ
Reference voltage: 0.6 V ± 1%
Continuous output current: 6 A
Programmable switching frequency: 200 kHz to 1.4 MHz
Synchronizes to external clock: 200 kHz to 1.4 MHz
180° out of phase clock synchronization
Precision enable and power good
External compensation
Internal soft start with external adjustable option
Startup into a precharged output
Supported by ADIsimPower design tool
APPLICATIONS
Communications infrastructure
Networking and servers
Industrial and instrumentation
Healthcare and medical
Intermediate power rail conversion
DC-to-dc point-of-load applications
TYPICAL APPLICATIONS CIRCUIT
ADP2386
BST
FB
COMP
PGOOD
GND
VREG
RT
SYNC
SS
L
CVREG
RT
SW
PGND
EN
PVIN
CIN
VIN
CBST
COUT
VOUT
RTOP
RBOT
CC
RC
CSS
Figure 1.
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 5.0V
VOUT = 3.3V
VOUT = 1.2V
Figure 2. Efficiency vs. Output Current, VIN = 12 V, fSW = 300 kHz
GENERAL DESCRIPTION
The ADP2386 is a synchronous step-down, dc-to-dc regulator with
an integrated 44 mΩ, high-side power MOSFET and an 11 mΩ,
synchronous rectifier MOSFET to provide a high efficiency
solution in a compact 4 mm × 4 mm LFCSP package. This device
uses a peak current mode, constant frequency pulse-width
modulation (PWM) control scheme for excellent stability and
transient response. The switching frequency of the ADP2386
can be programmed from 200 kHz to 1.4 MHz. To minimize
system noise, the synchronization function allows the switching
frequency to be synchronized to an external clock.
The ADP2386 requires minimal external components and
operates from an input voltage of 4.5 V to 20 V. The output
voltage can be adjusted from 0.6 V to 90% of the input voltage
and delivers up to 6 A of continuous current. Each IC draws less
than 110 μA current from the input source when it is disabled.
This regulator targets high performance applications that require
high efficiency and design flexibility. External compensation and an
adjustable soft start function provide design flexibility. The power-
good output and precision enable input provide simple and reliable
power sequencing.
Other key features include undervoltage lockout (UVLO),
overvoltage protection (OVP), overcurrent protection (OCP),
short-circuit protection (SCP), and thermal shutdown (TSD).
The ADP2386 operates over the −40°C to +125°C junction
temperature range and is available in a 24-lead, 4 mm × 4 mm
LFCSP package.


Similar Part No. - ADP2386ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2380 AD-ADP2380 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380-EVALZ AD-ADP2380-EVALZ Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ AD-ADP2380AREZ Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2380AREZ-R7 AD-ADP2380AREZ-R7 Datasheet
931Kb / 28P
20 V, 4 A Synchronous Step-Down Regulator with Low-Side Driver
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
More results

Similar Description - ADP2386ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8303 ONSEMI-FAN8303 Datasheet
837Kb / 13P
2 A 23 V Non-Synchronous Step-Down DC/DC Regulator
Rev. 1.2
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com