Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP2386
Rev. A | Page 21 of 24
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good printed circuit board (PCB) layout is essential for obtaining
the best performance from the ADP2386. Poor PCB layout can
degrade the output regulation, as well as the electromagnetic
interference (EMI) and electromagnetic compatibility (EMC)
performance. Figure 36 shows an example of a good PCB layout
for the ADP2386. For optimum layout, refer to the following
guidelines:
Use separate analog ground planes and power ground
planes. Connect the ground reference of sensitive analog
circuitry, such as output voltage divider components, to
analog ground. In addition, connect the ground reference
of power components, such as input and output capacitors,
to power ground. Connect both ground planes to the
exposed GND pad of the ADP2386.
Place the input capacitor, inductor, and output capacitor as
close as possible to the IC, and use short traces.
Ensure that the high current loop traces are as short and as
wide as possible. Make the high current path from the input
capacitor through the inductor, the output capacitor, and the
power ground plane back to the input capacitor as short as
possible. To accomplish this, ensure that the input and output
capacitors share a common power ground plane.
In addition, ensure that the high current path from the power
ground plane through the inductor and output capacitor
back to the power ground plane is as short as possible by
tying the PGND pins of the ADP2386 to the PGND plane
as close as possible to the input and output capacitors.
Connect the exposed GND pad of the ADP2386 to a large,
external copper ground plane to maximize its power
dissipation capability and minimize junction temperature.
In addition, connect the exposed SW pad to the SW pins
of the ADP2386, using short, wide traces; or connect the
exposed SW pad to a large copper plane of the switching
node for high current flow.
Place the feedback resistor divider network as close as
possible to the FB pin to prevent noise pickup. Minimize
the length of the trace that connects the top of the feedback
resistor divider to the output while keeping the trace away
from the high current traces and the switching node to
avoid noise pickup. To further reduce noise pickup, place
an analog ground plane on either side of the FB trace and
ensure that the trace is as short as possible to reduce the
parasitic capacitance pickup.
ADP2386
BST
FB
COMP
PGOOD
GND
RT
SYNC
VREG
SS
SW
PGND
EN
PVIN
VIN
CVREG
CIN
COUT
RT
L
CBST
VOUT
RTOP
RBOT
CSS
CC
RC
Figure 35. High Current Path in the PCB Circuit
SW
SW
POWER GROUND PLANE
PVIN
VOUT
OUTPUT
CAPACITOR
INPUT
BULK
CAP
INPUT
BYPASS
CAP
INDUCTOR
SW
GND
VREG
CVREG
CBST
FB
COMP
PGND
GND
SW
SW
BST
PVIN
PVIN
PVIN
RTOP
RBOT
+
VIA
BOTTOM LAYER TRACE
ANALOG GROUND PLANE
COPPER PLANE
Figure 36. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com