Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 18 of 24
DESIGN EXAMPLE
ADP2386
BST
FB
COMP
PGOOD
GND
RT
SYNC
VREG
SS
SW
PGND
EN
PVIN
VIN = 12V
CSS
22nF
COUT1
100µF
6.3V
COUT2
47µF
6.3V
CVREG
1µF
CBST
0.1µF
RT
100kΩ
L1
2.2µF
VOUT = 3.3V
CC
1.2nF
CCP
4.7pF
RC
44.2kΩ
RTOP
2.21kΩ
1%
RTOP
10kΩ
1%
CIN
10µF
25V
Figure 33. Schematic for Design Example
This section describes the procedures for selecting the external
components, based on the example specifications that are listed
in Table 8. See Figure 33 for the schematic of this design example.
Table 8. Step-Down DC-to-DC Regulator Requirements
Parameter
Specification
Input Voltage
VIN = 12.0 V ± 10%
Output Voltage
VOUT = 3.3 V
Output Current
IOUT = 6 A
Output Voltage Ripple
∆VOUT_RIPPLE = 33 mV
Load Transient
±5%, 1 A to 5 A, 2 A/μs
Switching Frequency
fSW = 600 kHz
OUTPUT VOLTAGE SETTING
Choose a 10 kΩ resistor as the top feedback resistor (RTOP),
and calculate the bottom feedback resistor (RBOT) by using the
following equation:
RBOT = RTOP ×


− 6
.
0
6
.
0
OUT
V
To set the output voltage to 3.3 V, the resistors values are as
follows: RTOP = 10 kΩ, and RBOT = 2.21 kΩ.
FREQUENCY SETTING
To set the switching frequency to 600 kHz, connect a 100 kΩ
resistor from the RT pin to GND.
INDUCTOR SELECTION
The peak-to-peak inductor ripple current, ∆IL, is set to 30% of
the maximum output current. Use the following equation to
estimate the inductor value:
L =
SW
L
OUT
IN
f
I
D
V
V
×
∆
×
−
)
(
where:
VIN = 12 V.
VOUT = 3.3 V.
D = 0.275.
∆IL = 1.8 A.
fSW = 600 kHz.
This calculation results in L = 2.215 μH. Choose the standard
inductor value of 2.2 μH.
The peak-to-peak inductor ripple current can be calculated by
using the following equation:
ΔIL =
SW
OUT
IN
f
L
D
V
V
×
×
−
)
(
This calculation results in ∆IL = 1.81 A.
Use the following equation to calculate the peak inductor current:
IPEAK = IOUT +
2
L
I
∆
This calculation results in IPEAK = 6.905 A.
Use the following equation to calculate the rms current flowing
through the inductor:
IRMS =
12
2
2
L
OUT
I
I
∆
+
This calculation results in IRMS = 6.023 A.
Based on the calculated current value, select an inductor with
a minimum rms current rating of 6.03 A and a minimum
saturation current rating of 6.91 A.
However, to protect the inductor from reaching its saturation
point under the current-limit condition, the inductor should be
rated for at least a 9.6 A saturation current for reliable operation.
Based on the requirements described previously, select a 2.2 μH
inductor, such as the FDVE1040-2R2M from Toko, which has
a 6.8 mΩ DCR and a 11.4 A saturation current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com