Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2386ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2386ACPZN-R7
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2386ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADP2386ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP2386
Rev. A | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VIN = 12 V, VOUT = 3.3 V, L = 2.2 µH, COUT = 100 µF + 47 µF, fSW = 600 kHz, unless otherwise noted.
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 4. Efficiency at VIN = 12 V, fSW = 600 kHz
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 5. Efficiency at VIN = 18 V, fSW = 600 kHz
50
60
70
80
90
100
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 6. Shutdown Current vs. Input Voltage (VIN)
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5V
Figure 7. Efficiency at VIN = 12 V, fSW = 300 kHz
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.0V
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
Figure 8. Efficiency at VIN = 5 V, fSW = 600 kHz
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
4
6
8
10
12
14
16
18
20
INPUT VOLTAGE (V)
TJ = –40°C
TJ = +25°C
TJ = +125°C
Figure 9. Quiescent Current vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com