Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 34Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 35Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 36Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 37Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 38Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 39Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 40Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 41Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
2001 Dec 19
38
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
handbook, full pagewidth
MGG004
Co
update
data pointer
update
data pointer
n bytes
last byte
S
A
0
S
1A
DATA BYTE
A
1
P
SLAVE
ADDRESS
DATA BYTE
acknowledgement
from PCF2113x
acknowledgement
from master
no acknowledgement
from master
R/W
Fig.26 Master reads slave immediately after first byte; read mode (RS previously defined).
11 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
12 HANDLING INSTRUCTIONS
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices”).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD1
logic supply voltage
−0.5
+5.5
V
VDD2, VDD3
VLCD generator supply voltages
−0.5
+4
V
VLCD
LCD supply voltage
−0.5
+6.5
V
Vi/o(n)
voltage on
any VDD related input or output
−0.5
VDD + 0.5
V
any VLCD related input or output
−0.5
VLCD + 0.5 V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD, ISS and ILCD VDD, VSS or VLCD supply current
−50
+50
mA
Ptot
total power dissipation
−
400
mW
PO
power dissipation per output
−
100
mW
Ves
electrostatic handling voltage
human body model;
C = 100 pF; R = 1.5 k
Ω
−
2000
V
electrostatic handling voltage
machine model;
C = 200 pF; L = 0.75
µH
−
150
V
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com