Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 26Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 27Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 28Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 29Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 30Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 31Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 32Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 33Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
2001 Dec 19
30
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
9.3
Bit IM
When IM = 0, the chip is in character mode. In the
character mode characters and icons are driven
(MUX 1 : 18). The VLCD generator, if used, produces the
VLCD voltage programmed in register VA.
When IM = 1, the chip is in icon mode. In the icon mode
only the icons are driven (MUX 1 : 2) and the VLCD
generator, if used, produces the VLCD voltage as
programmed in register VB.
Table 7
Normal/icon mode operation
9.4
Bit IB
Icon blink control is independent of the cursor/character
blink function.
When IB = 0, the icon blink is disabled. Icon data is stored
in CGRAM character 0 to 2 (3
× 8 × 5 = 120 bits for
120 icons).
When IB = 1, the icon blink is enabled. In this case each
icon is controlled by two bits. Blink consists of two half
phases (corresponding to the cursor on and off phases
called even and odd phases hereafter).
Icon states for the even phase are stored in CGRAM
characters 0 to 2 (3
× 8 × 5 = 120 bits for 120 icons).
These bits also define icon state when icon blink is not
used (see Table 9).
Icon states for the odd phase are stored in CGRAM
character 4 to 6 (another 120 bits for the 120 icons). When
icon blink is disabled CGRAM characters 4 to 6 may be
used as normal CGRAM characters.
9.5
Direct mode
When DM = 0, the chip is not in the direct mode. Either the
internal VLCD generator or an external voltage may be
used to achieve VLCD.
When DM = 1, the chip is in direct mode. The internal VLCD
generator is turned off and the VLCD2 output is directly
connected to the VLCD generator supply voltage VDD2.
The direct mode can be used to reduce the current
consumption when the required VLCD2 output voltage is
close to the VDD2 supply voltage. This can be the case in
icon mode or in Mux 1:9 (depending on LCD liquid
properties).
9.6
Voltage multiplier control
Bits S1 and S0
A software configurable voltage multiplier is incorporated
in the VLCD generator and can be set via the ‘Set HVgen
stages’ command.
The voltage multiplier control can be used to reduce
current consumption by disconnecting internal voltage
multiplier stages, depending on the required VLCD output
voltage (see Table 8).
Table 8
S1 and S0 control of voltage multiplier
9.7
Screen configuration
Bit L
L = 0: the two halves of a split screen are connected in a
standard way i.e. column 1/61, 2/62 to 60/120; default.
L = 1: the two halves of a split screen are connected in a
mirrored way i.e. column 1/120, 2/119 to 60/61. This
allows single layer PCB or glass layout.
IM
MODE
VLCD
0
character mode
generates VA
1
icon mode
generates VB
S1
S0
DESCRIPTION
0
0
set VLCD generator stages to 1
(2 x voltage multiplier)
0
1
set VLCD generator stages to 2
(3 x voltage multiplier)
1
0
set VLCD generator stages to 3
(4 x voltage multiplier)
1
1
do not use
Table 9
Blink effect for icons and cursor character blink
PARAMETER
EVEN PHASE
ODD PHASE
Cursor character blink
block (all on)
normal (display character)
Icons
state 1; CGRAM character 0 to 2
state 2; CGRAM character 4 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com