Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 51Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 52Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 53Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 54Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 55Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 56Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 57Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 58Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 16 Example of I2C-bus operation; 1-line display (using internal reset, assuming SA0 = VSS; note 1)
STEP
I2C-BUS BYTE
DISPLAY
OPERATION
1I2C-bus start
initialized; no display appears
2
slave address for write
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/W Ack
during the acknowledge cycle SDA will be pulled-down by the
PCF2113x
011101001
3
send a control byte for ‘function set’
Co
RS
0
0
0
0
0
0
Ack
control byte sets RS for following data bytes
000000001
4
function set
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
selects 1-line display and VLCD =V0; SCL pulse during
acknowledge cycle starts execution of instruction
001X
00001
5
display on/off control
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
_
turns on display and cursor; entire display shows character 20H
(blank in ASCII-like character sets)
000011101
6
entry mode set
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
_
sets mode to increment the address by 1 and to shift the cursor
to the right at the time of write to the DDRAM or CGRAM; display
is not shifted
000001101
7I2C-bus start
_
for writing data to DDRAM, RS must be set to 1; therefore a
control byte is needed
8
slave address for write
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/WAck
_
011101001
9
send a control byte for ‘write data’
Co
RS
0
0
0
0
0
0
Ack
_
010000001
10
‘write data’ to DDRAM
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
P_
writes ‘P’; the DDRAM has been selected at power-up; the
cursor is incremented by 1 and shifted to the right
010100001
11
‘write data’ to DDRAM
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PH_
writes ‘H’
010010001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com