Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 27Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 28Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 29Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 30Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 31Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 32Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 33Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 34Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
2001 Dec 19
31
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
9.8
Display configuration
Bit P
P = 0: default.
P = 1: mirrors the column data.
Bit Q
Q = 0: default.
Q = 1: mirrors the row data.
9.9
Temperature control
Default is TC1 = 0 and TC2 = 0. Selects the default
temperature coefficient for the internally generated VLCD
(see Table 10).
The ranges for TC are given in Chapter 13.
Table 10 TC1 and TC2 selection of VLCD temperature
coefficient
9.10
Set VLCD
The VLCD value is programmed by instruction. Two on-chip
registers, VA and VB hold VLCD values for the character
mode and the icon mode respectively. The generated
VLCD value is independent of VDD, allowing battery
operation of the chip.
VLCD programming:
1. Send ‘function set’ instruction with H = 1
2. Send ‘set VLCD’ instruction to write to voltage register:
a) DB7, DB6 = 10: DB5 to DB0 are VLCD of character
mode (VA)
b) DB7, DB6 = 11: DB5 to DB0 are VLCD of icon
mode (VB)
c) DB5 to DB0 = 000000 switches VLCD generator off
(when selected)
d) During ‘display off’ and power-down the VLCD
generator is also disabled.
3. Send ‘function set’ instruction with H = 0 to resume
normal programming.
9.11
Reducing current consumption
Reducing current consumption can be achieved by one of
the options given in Table 11.
When VLCD lies outside the VDD range and must be
generated, it is usually more efficient to use the on-chip
generator than an external regulator.
Table 11 Reducing current consumption
TC1
TC2
DESCRIPTION
00
VLCD temperature coefficient 0
10
VLCD temperature coefficient 1
01
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3
ORIGINAL MODE
ALTERNATIVE MODE
Character mode
Icon mode (control bit IM)
Display on
Display off (control bit D)
VLCD generator operating
Direct mode
Any mode
power-down (PD pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com