Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 59Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 60Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 61Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 62Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 63Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 64Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 65Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 66Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
2001 Dec 19
63
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
18 TRAY INFORMATION
Fig.35 Tray details.
handbook, full pagewidth
MGU206
D
C
A
x
y
F
E
B
For dimensions see Table 19.
Table 19 Tray dimensions
Table 20 Bump size
handbook, halfpage
MGU207
PC2113x
Fig.36 Tray alignment.
The orientation of the IC in a pocket is indicated by the position of the
IC type name on the die surface with respect to the chamfer on the
upper left corner of the tray. Refer to the bonding pad location
diagram for the orientating and position of the type name on the die
surface.
DIMENSION
DESCRIPTION
VALUE
A
pocket pitch x direction
6.35 mm
B
pocket pitch y direction
5.59 mm
C
pocket width x direction
3.82 mm
D
pocket width y direction
3.66 mm
E
tray width x direction
50.8 mm
F
tray width y direction
50.8 mm
x
pockets in x direction
7
y
pockets in y direction
8
PARAMETER
VALUE
UNIT
Type
galvanic pure Au
−
Bump width
50
±6
µm
Bump length
90
±6
µm
Bump height
17.5
±5
µm
Height difference in one die
<2
µm
Convex deformation
<5
µm
Pad size, aluminium
62
× 100
µm
Passivation opening CBB
36
× 76
µm
Wafer thickness
380
±25
µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com