Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 52Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 53Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 54Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 55Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 56Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 57Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 58Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 59Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
12 to 15
|
|
16
‘write data’ to DDRAM
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS_
writes ‘S’
010100111
17
(optional I2C-bus stop) I2C-bus start start + slave
address for write (as step 8)
PHILIPS_
18
control byte
Co
RS
0
0
0
0
0
0
Ack
PHILIPS_
100000001
19
return home
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
sets DDRAM address 0 in address counter (also returns shifted
display to original position; DDRAM contents unchanged); this
instruction does not update the Data Register (DR)
000000101
20
I2C-bus start
PHILIPS
21
slave address for read
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/WAck
PHILIPS
during the acknowledge cycle the content of the DR is loaded
into the internal I2C-bus interface to be shifted out; in the
previous instruction neither a ‘set address’ nor a ‘read data’ has
been performed; therefore the content of the DR was unknown;
the R/W has to be set to 1 while still in I2C-write mode
011101011
22
control byte for read
Co
RS
0
0
0
0
0
0
Ack
PHILIPS
DDRAM content will be read from following instructions
011000001
23
‘read data’: 8
× SCL + master acknowledge; note 2
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
8
× SCL; content loaded into interface during previous
acknowledge cycle is shifted out over SDA; MSB is DB7; during
master acknowledge content of DDRAM address 01 is loaded
into the I2C-bus interface
XXXXXXXX0
24
‘read data’: 8
× SCL + master acknowledge; note 2
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PHILIPS
8
× SCL; code of letter ‘H’ is read first; during master
acknowledge code of ‘I’ is loaded into the I2C-bus interface
010010000
STEP
I2C-BUS BYTE
DISPLAY
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com