Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 19Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 20Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 21Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 22Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 23Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 24Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 25Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 26Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
2001 Dec 19
23
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
8
INSTRUCTIONS
Only two PCF2113x registers, the Instruction Register (IR)
and the Data Register (DR) can be directly controlled by
the microcontroller. Before internal operation, control
information is stored temporarily in these registers, to
allow interfacing to various types of microcontrollers which
operate at different speeds or to allow interface to
peripheral control ICs.
The instruction set for I2C-bus commands is given in
Table 4.
The PCF2113x operation is controlled by the instructions
shown in Table 5 together with their execution time.
Details are explained in subsequent sections.
Instructions are of 4 types, those that:
1. Designate PCF2113x functions such as display
format, data length, etcetera.
2. Set internal RAM addresses
3. Perform data transfer with internal RAM
4. Others.
In normal use, category 3 instructions are used most
frequently. However, automatic incrementing by 1
(or decrementing by 1) of internal RAM addresses after
each data write lessens the microcontroller program load.
The display shift in particular can be performed
concurrently with display data write, enabling the designer
to develop systems in minimum time with maximum
programming efficiency.
During internal operation, no instructions other than the
‘read busy flag’ and ‘read address’ instructions will be
executed. Because the busy flag is set to a logic 1 while an
instruction is being executed, check to ensure it is a logic 0
before sending the next instruction or wait for the
maximum instruction execution time, as given in Table 5.
An instruction sent while the busy flag is logic 1 will not be
executed.
Table 4
Instruction set for I2C-bus commands
Note
1. R/W is set together with the slave address.
CONTROL BYTE
COMMAND BYTE
I2C-BUS COMMANDS
Co
RS 000000DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com