Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2113EUF4 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF2113EUF4
Description  LCD controllers/drivers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2113EUF4 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF2113EUF4 Datasheet HTML 23Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 24Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 25Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 26Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 27Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 28Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 29Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 30Page - NXP Semiconductors PCF2113EUF4 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
2001 Dec 19
27
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2113x
8.3
Entry mode set
8.3.1
BIT I/D
When I/D = 1 (0) the DDRAM or CGRAM address
increments (decrements) by 1 when data is written into or
read from the DDRAM or CGRAM. The cursor or blink
position moves to the right when incremented and to the
left when decremented. The cursor underline and cursor
character blink are inhibited when the CGRAM is
accessed.
8.3.2
BIT S
When S = 1, the entire display shifts either to the right
(I/D = 0) or to the left (I/D = 1) during a DDRAM write. Thus
it appears as if the cursor stands still and the display
moves. The display does not shift when reading from the
DDRAM, or when writing to or reading from the CGRAM.
When S = 0, the display does not shift.
8.4
Display control (and partial Power-down mode)
8.4.1
BIT D
The display is on when D = 1 and off when D = 0. Display
data in the DDRAM is not affected and can be displayed
immediately by setting D = 1.
When the display is off (D = 0) the chip is in partial
Power-down mode:
• The LCD outputs are connected to VSS
• The LCD generator and bias generator are turned off.
Three oscillator cycles are required after sending the
‘display off’ instruction to ensure all outputs are at VSS,
afterwards the oscillator can be stopped. If the oscillator is
running during partial Power-down mode (‘display off’) the
chip can still execute instructions. Even lower current
consumption is obtained by inhibiting the oscillator
(OSC = VSS).
To ensure IDD <1 µA, the parallel bus pins DB7 to DB0
should be connected to VDD; pins RS and R/W to VDD or
left open-circuit and pin PD to VDD. Recovery from
Power-down mode: PD back to VSS, if necessary pin OSC
back to VDD and send a ‘display control’ instruction with
D=1.
8.4.2
BIT C
The cursor is displayed when C = 1 and inhibited when
C = 0. Even if the cursor disappears, the display functions
I/D, etcetera, remain in operation during display data write.
The cursor is displayed using 5 dots in the 8th line (see
Fig.6).
8.4.3
BIT B
The character indicated by the cursor blinks when B = 1.
The cursor character blink is displayed by switching
between display characters and all dots on with a period of
approximately 1 second, with
The cursor underline and the cursor character blink can be
set to display simultaneously.
8.5
Cursor or display shift
‘Cursor/display shift’ moves the cursor position or the
display to the right or left without writing or reading display
data. This function is used to correct a character or move
the cursor through the display. In 2-line displays, the
cursor moves to the next line when it passes the last
position (40) of the line. When the displayed data is shifted
repeatedly all lines shift at the same time; displayed
characters do not shift into the next line.
The Address Counter (AC) content does not change if the
only action performed is shift display, but increments or
decrements with the ‘cursor display shift’.
8.6
Function set
8.6.1
BIT DL (PARALLEL MODE ONLY)
Sets interface data width. Data is sent or received in bytes
(DB7 to DB0) when DL = 1 or in two nibbles (DB7 to DB4)
when DL = 0. When 4-bit width is selected, data is
transmitted in two cycles using the parallel bus. In a 4-bit
application DB3 to DB0 should be left open-circuit (internal
pull-ups). Hence in the first ‘function set’ instruction after
power-on M, SL and H are set to logic 1. A second
‘function set’ must then be sent (2 nibbles) to set M,
SL and H to their required values.
‘Function set’ from the I2C-bus interface sets the DL bit to
logic 1.
8.6.2
BIT M
Selects either 1-line by 24 display (M = 0) or 2-line by
12 display (M = 1).
8.6.3
BIT SL
Selects MUX 1 : 9, 1-line by 12 display (independent of
M and L). Only rows 1 to 8 and 17 are to be used. All other
rows must be left open-circuit. The DDRAM map is the
same as in the 2-line by 12 display mode, however, the
second line cannot be displayed.
f
blink
f
OSC
52 224
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com