Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS6422-CSZ Datasheet HTML 1Page - Cirrus Logic CS6422-CSZ Datasheet HTML 2Page - Cirrus Logic CS6422-CSZ Datasheet HTML 3Page - Cirrus Logic CS6422-CSZ Datasheet HTML 4Page - Cirrus Logic CS6422-CSZ Datasheet HTML 5Page - Cirrus Logic CS6422-CSZ Datasheet HTML 6Page - Cirrus Logic CS6422-CSZ Datasheet HTML 7Page - Cirrus Logic CS6422-CSZ Datasheet HTML 8Page - Cirrus Logic CS6422-CSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
CS6422
5
1.
CHARACTERISTICS AND SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
WARNING: Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
POWER CONSUMPTION (T
A = 25°C, DVDD = AVDD = 5 V, fXTAL = 20.480 MHz) (Note 1)
Notes: 1. AO and NO outputs are not loaded.
ANALOG CHARACTERISTICS (T
A = 25°C, DVDD = AVDD = 5 V, fXTAL = 20.480 MHz)
Notes: 2. These parameters are guaranteed by design or by characterization.
Parameter
Symbol
Min
Max
Units
DC Supply (AVDD, DVDD)
-0.3
6.0
V
Input Current (Except supply pins)
Iin
-10
+10
mA
Input Voltage
Analog
Digital
Vina
Vind
-0.3
-0.3
AVDD+0.3
DVDD+0.3
V
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Supply (AVDD, DVDD)
4.5
5.0
5.5
V
Ambient Operating Temperature
Commercial
Industrial
TAOp
0
-40
25
25
70
85
°C
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Current, Analog (RST=0)
PDA0
1mA
Power Supply Current, Analog (RST=1)
PDA
10
20
mA
Power Supply Current, Digital (RST=0)
PDD0
1mA
Power Supply Current, Digital (RST=1)
PDD
50
80
mA
Parameter
Symbol
Min
Typ
Max
Units
Input Offset Voltage (APO, NI)
2.12
V
Output Offset Voltage (AO, NO)
2.12
V
Transmit Group Delay
(Note 2)
6
ms
Receive Group Delay
(Note 2)
6
ms
Input Impedance (APO, NI)
Zin
1.5
M
Ω
Load Impedance (AO, NO)
Zload
10
k
Ω
Power Supply Rejection (1 kHz)
40
dB
CS6422
DS295F1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com