Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS6422-CSZ Datasheet HTML 12Page - Cirrus Logic CS6422-CSZ Datasheet HTML 13Page - Cirrus Logic CS6422-CSZ Datasheet HTML 14Page - Cirrus Logic CS6422-CSZ Datasheet HTML 15Page - Cirrus Logic CS6422-CSZ Datasheet HTML 16Page - Cirrus Logic CS6422-CSZ Datasheet HTML 17Page - Cirrus Logic CS6422-CSZ Datasheet HTML 18Page - Cirrus Logic CS6422-CSZ Datasheet HTML 19Page - Cirrus Logic CS6422-CSZ Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
CS6422
16
3.3.6
ACC - ACOUSTIC COEFFICIENT CONTROL
The coefficients of the AEC adaptive filters in the CS6422 are controlled by ACC. The default position
(00) yields normal operation, which means the coefficients are free to adjust themselves to the echo
path in order to cancel echo. When set to the clear position (01), the adaptive filter coefficients are all
held at zero, so the echo canceller is effectively disabled. Note that unless the half-duplex mode is
disabled, this will force the CS6422 into half-duplex mode. The freeze position (10) causes the coef-
ficients to retain their current values and not change.
3.3.7
TSMDE - TRANSMIT SUPPRESSION MODE
TSMde enables the Noise Guard feature of the CS6422. Noise Guard is a noise squelch feature that
operates in the transmit path (from the near-end microphone to the far-end speaker). In traditional
hands-free systems where the near-end talker is located in a noisy environment, the near-end system
will remain in transmit mode and send that noise to the far-end listener. This creates a real problem
if the listener is using a traditional half-duplex speakerphone because the far-end phone will stay in
receive mode, thus preventing the far-end talker from being heard. Noise Guard eliminates this prob-
lem by squelching the transmit channel at the near-end unless near-end speech is detected, permit-
ting the far-end speakerphone to switch normally during the conversation.
Noise Guard is also useful in cellular hands-free car applications because it prevents car noise from
reaching the far-end while the near-end talker is silent.
Noise Guard is usually disabled when “half-duplex Idle return-to-Transmit” is enabled. See the Reg-
ister 2 description for more information. Noise Guard is enabled by default.
CS6422
16
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com