Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS6422-CSZ Datasheet HTML 4Page - Cirrus Logic CS6422-CSZ Datasheet HTML 5Page - Cirrus Logic CS6422-CSZ Datasheet HTML 6Page - Cirrus Logic CS6422-CSZ Datasheet HTML 7Page - Cirrus Logic CS6422-CSZ Datasheet HTML 8Page - Cirrus Logic CS6422-CSZ Datasheet HTML 9Page - Cirrus Logic CS6422-CSZ Datasheet HTML 10Page - Cirrus Logic CS6422-CSZ Datasheet HTML 11Page - Cirrus Logic CS6422-CSZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
CS6422
8
SWITCHING CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Digital input rise time
trise
1.0
µs
RST low time
tRSTL
1.0
µs
CLKI frequency
fCLKI
20.480
MHz
CLKI duty cycle
tLCLKI
40
50
60
%
CLKI high or low time
tHLCLKI
19.5
ns
Min DRDY falling to DRDY falling (CLKI = 20.480 MHz)
tDRDY
125
µs
STROBE high or low time
tHLSTROBE
55
ns
DRDY falling to STROBE rising setup time
tsDRDY
30
ns
DATA valid to STROBE rising setup time
tsDATA
30
ns
STROBE rising to DATA valid hold time
thDATA
30
ns
STROBE rising to DRDY rising hold time
thDRDY
30
ns
Min RST rising to 4th extra STROBE pulse (cold reset)
tcRST
110
ms
Max RST rising to 4th extra STROBE pulse (warm reset)
twRST
100
ms
1
f
CLKI
t
HLCKI
t
HLCKI
Figure 1. CLKI Timing
Bit15 Bit14
Bit2
Bit1
Bit0
DATA
DRDY
STROBE
four extra strobe pulses
12
34
RST
t RSTL
tcRST
twRST
Figure 2. Reset Timing
Bit15
DATA
DRDY
STROBE
Bit14
Bit0
t sDRDY
t sDATA
t hDATA
t hDRDY
Bit15
Bit14
t HLSTROBE
t DRDY
Figure 3. Microcontroller Interface Timing
CS6422
8
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com