Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS6422-CSZ Datasheet HTML 10Page - Cirrus Logic CS6422-CSZ Datasheet HTML 11Page - Cirrus Logic CS6422-CSZ Datasheet HTML 12Page - Cirrus Logic CS6422-CSZ Datasheet HTML 13Page - Cirrus Logic CS6422-CSZ Datasheet HTML 14Page - Cirrus Logic CS6422-CSZ Datasheet HTML 15Page - Cirrus Logic CS6422-CSZ Datasheet HTML 16Page - Cirrus Logic CS6422-CSZ Datasheet HTML 17Page - Cirrus Logic CS6422-CSZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
CS6422
14
3.3
Register 0
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Mic
HDD
GB
RVol
TSD
ACC
TSMde
0000
1
0
10
0100
0
00
0
A4
0
0
Bits
Name
Function
Word
Operation
15
Mic
Microphone preamplifier enable
0
1*
disable mic preamp
enable mic preamp
14
HDD
Half-Duplex Disable
0*
1
enable half-duplex
disable half-duplex
13-12
GB
Graded Beta
00
01
10*
11
0.00 dB/ms
0.75 dB/ms
0.38 dB/ms
0.19 dB/ms
11-8
RVol
Rx Volume control
0000
0001
---
0100*
---
1010
1011
---
1101
1110
1111
+30 dB
+27 dB
---
+18 dB
---
+0 dB
-3 dB
---
-9 dB
-12 dB
mute
7
TSD
Tx Suppression Disable
0*
1
enable Tx suppression
disable Tx suppression
6-5
ACC
AEC Coefficient Control
00*
01
10
11
Normal
Clear
Freeze
reserved
4
TSMde
Tx Suppression Mode
0*
1
enable noise guard
disable noise guard
* Denotes reset value
Table 3. Register 0 Bit Definitions
CS6422
14
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com