Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS6422-CSZ Datasheet HTML 7Page - Cirrus Logic CS6422-CSZ Datasheet HTML 8Page - Cirrus Logic CS6422-CSZ Datasheet HTML 9Page - Cirrus Logic CS6422-CSZ Datasheet HTML 10Page - Cirrus Logic CS6422-CSZ Datasheet HTML 11Page - Cirrus Logic CS6422-CSZ Datasheet HTML 12Page - Cirrus Logic CS6422-CSZ Datasheet HTML 13Page - Cirrus Logic CS6422-CSZ Datasheet HTML 14Page - Cirrus Logic CS6422-CSZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
CS6422
11
of higher amplitude will clip the ADC input and
will result in poor echo canceller performance. See
Section 4., “Design Considerations” for more de-
tails.
The outputs are delta-sigma digital to analog con-
verters (DACs) and have similar requirements to
the ADCs. The DACs are pre-compensated to ex-
pect a single-pole RC filter with a corner frequency
at 4 kHz. The full scale voltage output from a DAC
is 1.1 Vrms (3.1 Vpp) maximum, 1 Vrms typical, bi-
ased around 2.12 VDC.
3.1.1
Acoustic Interface
The pins API (pin 20), APO (pin 18), AO (pin 3),
and MB (pin 19) form the Acoustic Interface. A
block diagram of the Acoustic Interface is shown in
Figure 6.
API and APO are, respectively, the input and out-
put of the built-in microphone pre-amplifier. The
pre-amplifier is an inverting amplifier with a fixed
gain of 34 dB biased around an input offset voltage
of 2.12 V. APO is the output of the pre-amplifier
after a 1 k
Ω (typical) resistor. The circuitry con-
nected to the amplifier input must present low
source impedance (<100
Ω) to the API pin or the
gain will be reduced. When using the internal mic
preamp, a 0.022
µF capacitor should be placed be-
tween APO and ground to provide the anti-aliasing
filter required by the ADC, as shown in Figure 4.
The pre-amplifier may be bypassed by clearing the
‘Mic’ bit (Register 0, bit 15) using the Microcontrol-
ler Interface (see Section 3.2, “Microcontroller Inter-
face”). If the internal mic preamp is not used, a
0.022
µF capacitor should be tied between API and
ground, and APO should be driven directly. In this
case, the signal into APO must be low-pass filtered
by a single-pole RC filter with a corner frequency at
8 kHz (see Figure 5).
Following the pre-amplifier is a programmable an-
alog gain stage, called TGain, which is controlled
MB
APO
20
AO
(0,6,9.5,12 dB)
ADC
DAC
DAC
ADC
D
S
P
NI
17
NO
4
FAR-END
Transmit Path
Receive Path
API
1k
Ω
Voltage
Reference
34 dB
(0,6,9.5,12 dB)
NEAR-END
3
TGain
RGain
CS6422
Mic
19
18
Figure 6. Analog Interface
CS6422
DS295F1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com