Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS6422-CSZ Datasheet HTML 34Page - Cirrus Logic CS6422-CSZ Datasheet HTML 35Page - Cirrus Logic CS6422-CSZ Datasheet HTML 36Page - Cirrus Logic CS6422-CSZ Datasheet HTML 37Page - Cirrus Logic CS6422-CSZ Datasheet HTML 38Page - Cirrus Logic CS6422-CSZ Datasheet HTML 39Page - Cirrus Logic CS6422-CSZ Datasheet HTML 40Page - Cirrus Logic CS6422-CSZ Datasheet HTML 41Page - Cirrus Logic CS6422-CSZ Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
CS6422
38
loop (near-end speaker/mic to far-end speaker/mic)
during a double-talk scenario (where both near-end
and far-end parties are talking at the same time).
The CS6422 implements an optional attenuation
feature that introduces a programmable amount of
loss in the transmit and/or receive directions dur-
ing double-talk to alleviate stability concerns with-
out sacrificing speaker volume. This allows for
higher speaker volume levels at both ends of the
call without compromising stability.
4.1.4.4
Noise Guard
Noise Guard is an optional noise squelch feature
that operates in the transmit path (near-end micro-
phone to far-end speaker). In traditional systems, if
the near-end talker is located in a noisy environ-
ment, the near-end system will remain in transmit
mode and transmit that noise to the far-end listener.
While this may be bothersome to the far-end listen-
er using a standard handset, this creates a real prob-
lem if the listener is using a traditional half-duplex
speakerphone because the far-end phone may stay
in receive mode and not allow the far-end talker to
be heard. Noise guard eliminates this problem by
squelching the transmit channel at the near-end un-
less near-end speech is detected, permitting the far-
end speakerphone to switch normally during the
conversation.
4.2
Circuit Design
The design of the CS6422 interface circuitry plays
an important role in achieving optimum perfor-
mance. The actual circuit design is important, espe-
cially the analog interface. Proper grounding and
layout will help minimize the noise that might get
coupled into the CS6422.
4.2.1
Interface Considerations
Of the CS6422 interfaces, the analog interface and
the microcontroller interface are the most impor-
tant to pay special attention to during circuit de-
sign.
The
analog
interface
especially
will
determine how well the echo canceller can per-
form.
4.2.1.1
Analog Interface
The Analog Interface feeds information about the
echo path to the adaptive filter, so it is critical that
this interface be well designed. Using high-quality
transducers and circuits that guarantee low-distor-
tion and minimal clipping are essential to the suc-
cess of any echo canceller based design.
As mentioned in Section 4.1.1.2, “Adaptive Filter”,
the adaptive filter assumes that the echo path is lin-
ear and time-invariant. As such, poor quality
speakers are a common cause of poor echo cancel-
ler performance due to their high distortion. Speak-
ers must be selected with their linearity in mind. In
general, the speaker should have less than 2% Total
Harmonic Distortion (THD). This will result in dis-
tortion terms 34 dB below the desired signal,
enough headroom for the echo canceller to function
adequately.
The other major consideration in the design of the
analog interface is that the circuitry that processes
the transducer signals not clip or distort it. For ex-
ample, a common problem is the use of a speaker
amplifier with a fixed gain, which clips when driv-
ing the speaker. Although the distortion may not be
objectionable to the human ear, it will prevent the
adaptive filter from modeling the path correctly.
Speakers and microphones which worked for half-
duplex speakerphones will not necessarily work for
full-duplex speakerphones. Microphone amplifier
circuitry is also suspect when looking for sources
of clipping and distortion.
4.2.1.2
Microcontroller Interface
The Microcontroller Interface is the only asynchro-
nous digital connection to the CS6422, so it is the
most likely place for digital noise coupling to be a
problem. The interface itself is fairly straightfor-
ward and requires only three pins from a microcon-
troller.
CS6422
38
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com