Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS6422-CSZ Datasheet HTML 20Page - Cirrus Logic CS6422-CSZ Datasheet HTML 21Page - Cirrus Logic CS6422-CSZ Datasheet HTML 22Page - Cirrus Logic CS6422-CSZ Datasheet HTML 23Page - Cirrus Logic CS6422-CSZ Datasheet HTML 24Page - Cirrus Logic CS6422-CSZ Datasheet HTML 25Page - Cirrus Logic CS6422-CSZ Datasheet HTML 26Page - Cirrus Logic CS6422-CSZ Datasheet HTML 27Page - Cirrus Logic CS6422-CSZ Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
CS6422
24
3.7
Register 4
b15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
AErle
AFNse
NErle
NFNse
RGain
TGain
1000
00
00
00
00
00
00
000
8
Bits
Name
Function
Word
Operation
15-14
AErle
AEC Erle threshold
00*
01
10
11
24 dB
18 dB
30 dB
reserved
13-12
AFNse
AEC Full-duplex Noise threshold
00*
01
10
11
zero
-42 dB
-54 dB
reserved
11-10
NErle
NEC Erle threshold
00*
01
10
11
24 dB
18 dB
30 dB
reserved
9-8
NFNse
NEC Full-duplex Noise threshold
00*
01
10
11
zero
-42 dB
-54 dB
reserved
7-6
RGain
Rx analog Gain
00*
01
10
11
0 dB
6 dB
9.5 dB
12 dB
5-4
TGain
Tx analog Gain
00*
01
10
11
0 dB
6 dB
9.5 dB
12 dB
* Denotes reset value
Table 7. Register 4 Bit Definitions
CS6422
24
DS295F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com