Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS6422-CSZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS6422-CSZ
Description  Enhanced Full-Duplex Speakerphone IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS6422-CSZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS6422-CSZ Datasheet HTML 1Page - Cirrus Logic CS6422-CSZ Datasheet HTML 2Page - Cirrus Logic CS6422-CSZ Datasheet HTML 3Page - Cirrus Logic CS6422-CSZ Datasheet HTML 4Page - Cirrus Logic CS6422-CSZ Datasheet HTML 5Page - Cirrus Logic CS6422-CSZ Datasheet HTML 6Page - Cirrus Logic CS6422-CSZ Datasheet HTML 7Page - Cirrus Logic CS6422-CSZ Datasheet HTML 8Page - Cirrus Logic CS6422-CSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS6422
Enhanced Full-Duplex Speakerphone IC
Features
l Single-chip, full-duplex, hands-free operation
l Optional Tx Noise Guard
l Programmable attenuation during double-talk
l Optional 34 dB microphone preamplifier
l Dual channel AGC’ed volume controls with
mute
l Dual integrated 80 dB IDR codecs
l Speech-trained Network and Acoustic Echo
Cancellers
l Rx and Tx supplementary echo suppression
l Configurable half-duplex training mode
l Powerdown mode
l Microcontroller Interface
General Description
Most modern speakerphones use half-duplex operation,
which alternates transmission between the far-end talker
and the speakerphone user. This is done to ensure sta-
bility because the acoustic coupling between the
speaker and microphone is much higher in speaker-
phones than in handsets where the coupling is
mechanically suppressed.
The CS6422 enables full-duplex conversation using
echo cancellation and suppression in a single-chip solu-
tion. The CS6422 can easily replace existing half-duplex
speakerphone ICs with a huge increase in conversation
quality.
The CS6422 consists of telephone & audio interfaces,
two codecs and an echo-cancelling DSP.
ORDERING INFORMATION
See page 48.
CS6422-IS
-40o to 85oC
20-pin SOIC
CDB6422
Evaluation Board
TGain
TVol
Σ
+
-
Acoustic
Echo
Canceller
ADC
Pre-emphasis
Filter
+
ASdt
DAC
Σ
+
-
Network
Echo
Canceller
Pre-emphasis
Filter
+
NSdt
DAC
ADC
Clock
Generation
Voltage
Reference
Microcontroller Interface
RGain
RVol
(0, 6, 9.5, 12 dB)
Network
Sidetone
(none, -24,
-18, -12 dB)
Acoustic
Sidetone
(none, -24,
-18, -12 dB)
1 k
Ω
Mic
34 dB
(0, 6, 9.5, 12 dB)
NI
NO
17
4
8
76
5
15
2
19
18
APO
API
20
CLKO
13
14
CLKI
AO
3
AVDD
DVDD
NC1
NC2
NC3
NC4
910
11
12
16
1
(Mute, -12 to +30 dB)
(Mute, -12 to +30 dB)
Rx
Suppression
Tx
Suppression
JUL ‘01
DS295PP4
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS6422
Enhanced Full-duplex Speakerphone IC
SEP ‘05
DS295F1


Similar Part No. - CS6422-CSZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
CS6420-CS CIRRUS-CS6420-CS Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
More results

Similar Description - CS6422-CSZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1095 PHILIPS-TEA1095 Datasheet
184Kb / 28P
Voice switched speakerphone IC
1997 Nov 25
logo
Siemens Semiconductor G...
PSB4860 SIEMENS-PSB4860 Datasheet
938Kb / 250P
Digital Answering Machine with Full Duplex Speakerphone SAM EC
logo
Sipex Corporation
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP490E SIPEX-SP490E Datasheet
109Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
Cirrus Logic
CS6420 CIRRUS-CS6420 Datasheet
815Kb / 52P
FULL DUPLEX SPEAKERPHONE CHIP
logo
Exar Corporation
SP490E EXAR-SP490E Datasheet
811Kb / 15P
Enhanced Full Duplex RS-485 Transceivers
SP491EEP-L EXAR-SP491EEP-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491ECN-L EXAR-SP491ECN-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
SP491EEN-L EXAR-SP491EEN-L Datasheet
723Kb / 12P
Enhanced Full Duplex RS-485 Transceivers
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
Full-duplex operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com