Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 53 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 53 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 49Page - Dialog Semiconductor DA9021 Datasheet HTML 50Page - Dialog Semiconductor DA9021 Datasheet HTML 51Page - Dialog Semiconductor DA9021 Datasheet HTML 52Page - Dialog Semiconductor DA9021 Datasheet HTML 53Page - Dialog Semiconductor DA9021 Datasheet HTML 54Page - Dialog Semiconductor DA9021 Datasheet HTML 55Page - Dialog Semiconductor DA9021 Datasheet HTML 56Page - Dialog Semiconductor DA9021 Datasheet HTML 57Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
53 of 142
© 2017 Dialog Semiconductor
12.3 2-wire communication
The power manager interface can be configured for a 2-wire serial data exchange. It has a
configurable SLAVE write address (default: 0x90) and a configurable SLAVE read address (default:
0x91).
SK provides the 2-wire clock and SO carries all the power manager bidirectional 2-wire data. The 2-
wire interface is open-drain supporting multiple devices on a single line. The bus lines have to be
pulled HIGH by external pull-up resistors (2 k
Ω to 20 kΩ range). The attached devices only drive the
bus lines LOW by connecting them to ground. As a result two devices cannot conflict, if they drive the
bus simultaneously. In standard/fast mode the highest frequency of the bus is 400 kHz. The exact
frequency can be determined by the application and does not have any relation to the DA9021/22
internal clock signals. DA9021/22 will follow the host clock speed within the described limitations and
does not initiate any clock arbitration or slow down.
In high speed mode the maximum frequency of the bus can be increased up to 1.7 MHz. This mode
is supported if the SK line is driven with a push-pull stage from the host and if the host enables an
external 3 mA pull-up at the SO pin to decrease the rise time of the data. In this mode the SO line on
DA9021/22 is able to sink up to 12 mA. In all other respects the high speed mode behaves as the
standard/fast mode.
Communication on the 2-wire bus always takes place between two devices, one acting as the master
and the other as the slave. The DA9021/22 will only operate as a slave. As opposed to the 4-wire
mode the 2-wire interface has direct (linear) access to the whole DA9021/22 register space (except
R0/R128). This is achieved by using the MSB of the 2-wire, 8-bit register address as a selector of the
register page (this does not modify the page control register R0/R128 that is accessible only in 4-wire
mode).
12.3.1
2-wire control bus protocol
All data is transmitted across the 2-wire bus in groups of 8 bits. To send a bit the SO line is driven
towards the independent state while the SK is LOW (a low on SO indicates a zero bit). Once the SO
has settled the SK line is brought HIGH and then LOW. This pulse on SK clocks the SO bit into the
receivers shift register.
A two byte serial protocol is used containing one byte for address and one byte for data. Data and
address transfer is MSB transmitted first for both read and write operations. All transmission begins
with the START condition from the master during the bus is in IDLE state (the bus is free). It is
initiated by a high to low transition on the SO line while the SK is in the HIGH state (a STOP
condition is indicated by a low to high transition on the SO line while the SK is in the HIGH state).
The 2-wire bus will be monitored by DA9021/22 for a valid SLAVE address whenever the interface is
enabled. It responds immediately when it receives its own slave address. These acknowledge is
done by pulling the SO line low during the following clock cycle (white blocks marked with
“A” in
Figure 29 to Figure 33).
The protocol for a register write from master to slave consists of a start condition, a slave address
with read/write bit and the 8-bit register address followed by 8 bits of data terminated by a STOP
condition (all bytes responded by DA9021/22 with Acknowledge):
SK/
SLK
SO/
DATA
Figure 29: Timing of 2-wire START and STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com