Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 87 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 87 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 83Page - Dialog Semiconductor DA9021 Datasheet HTML 84Page - Dialog Semiconductor DA9021 Datasheet HTML 85Page - Dialog Semiconductor DA9021 Datasheet HTML 86Page - Dialog Semiconductor DA9021 Datasheet HTML 87Page - Dialog Semiconductor DA9021 Datasheet HTML 88Page - Dialog Semiconductor DA9021 Datasheet HTML 89Page - Dialog Semiconductor DA9021 Datasheet HTML 90Page - Dialog Semiconductor DA9021 Datasheet HTML 91Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
87 of 142
© 2017 Dialog Semiconductor
parallel with LDOx_EN, the supply enable is deferred until the sequencer is processing the related
ID. The previous output voltage and enable state will be kept unchanged until the sequencer
processes the related time slot/ID during powering down (ignoring any assertions of VLDOx_GO
while LDOx_CONF is high).
Before wakeup from POWERDOWN mode (processing time slots from domain SYSTEM) the
sequencer will reset the LDOx_CONF bits and, if enabled via setting OTPREAD_EN, configure all
regulators with their default voltage values from OTP. The regulators can also be
enabled/disabled/configured via the power manager and HS-2-wire interface when the DA9021/22 is
in the ACTIVE state. Voltage transitions on LDOs including DVC will always be ramped.
NOTE
Powering down to RESET mode will automatically disable all regulators except for LDO1.
LDO 3 includes dynamic DVC control to enable power savings on peripheral domains:
● The output voltage is programmable over the power manager bus in 25 mV steps.
● The output voltage ramp step size is 6.25 mV/µs while slewing. If the feedback signal is
configured to be READY this line is asserted while slewing.
The DVC control is handled by the following registers:
● Output voltage setting register VLDO3 to configure the new target voltage.
● Activate bit VLDO3_GO will implement the changes on the LDO output (also used from the
sequencer for deferred voltage changes). After being started DA9021/22 will block (not accept
any re-programming of) the related voltage setting registers until slewing has been finished.
If selected the READY signal will be asserted during ramping.
LDO9 includes an optional hardware enable/disable via GPIO12 by selecting the GPI feature with
debouncing off. After detecting an E_GPI1, E_GPI2 or E_GPI12 event DA9021/22 will configure
LDO4_EN, LDO5_EN or LDO9_EN by the status of GPI1, GPI2 or GPI9 and the event bit E_GPI1,
E_GPI2 or E_GPI12 is automatically cleared. A parallel write access to LDO4_EN, LDO5_EN or
LD09_EN from the control interfaces or the power sequencer is delayed and will later override the
hardware configuration.
NOTE
It is recommended to assert the IRQ mask bit of GPIOs, which are configured for LDO hardware control, to
prevent the host being disturbed by IRQ strobes from the automatically cleared events.
Disabling regulators LDO1, 2 and 5 can switch off their pull down resistor, which is required for usage
in parallel to an alternate supply.
17.1 DA9021/22 core regulator LDOCORE
The LDOCORE will be used for running the DA9021/22 internal RTC module, internal state machine,
GPIO pins with comparators, bias, reference, GPADC, OTP and power manager registers. It is
supplied by the battery switch either from an external supply or VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com