Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 69Page - Dialog Semiconductor DA9021 Datasheet HTML 70Page - Dialog Semiconductor DA9021 Datasheet HTML 71Page - Dialog Semiconductor DA9021 Datasheet HTML 72Page - Dialog Semiconductor DA9021 Datasheet HTML 73Page - Dialog Semiconductor DA9021 Datasheet HTML 74Page - Dialog Semiconductor DA9021 Datasheet HTML 75Page - Dialog Semiconductor DA9021 Datasheet HTML 76Page - Dialog Semiconductor DA9021 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
73 of 142
© 2017 Dialog Semiconductor
Register
address
Bit
Type
Label
Default
Description
and PWR1_EN during POWERDOWN
mode and force the detection of a
pending Active state by re-enabling the
pin through a passive state of the
related GPI status register
Table 57: INTERFACE
Register
address
Bit
Type
Label
Default
Description
R19
INTERFACE
0
R37
IF_TYPE
0
0: Power manager interface is 4-wire
1: Power manager interface is 2-wire
1
R
CPOL
0
4-wire interface clock polarity
0: SK is low during idle
1: SK is high during idle
2
R
CPHA
0
4-wire interface clock phase (see Table
34: 4-wire clock configurations)
3
R
R/W_POL
1
4-wire: Read/Write bit polarity
0: Host indicates reading access via
R/W bit = ‘0’
1: Host indicates reading access via
R/W bit = ‘1’
4
R
nCS_POL
1
4-wire chip select polarity
0: nCS is low active
1: nCS is high active
7:5
R
IF_BASE_ADDR
100
3 MSB of 2-wire control interfaces base
address
XXX10000
10010000 = 0x90 write address of PM 2-
wire interface
10010001 = 0x91 read address of PM 2-
wire interface
10010010 = 0x92 write address of HS-2-
wire interface
10010011 = 0x93 read address of HS-2-
wire interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com