Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 32 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 32 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 28Page - Dialog Semiconductor DA9021 Datasheet HTML 29Page - Dialog Semiconductor DA9021 Datasheet HTML 30Page - Dialog Semiconductor DA9021 Datasheet HTML 31Page - Dialog Semiconductor DA9021 Datasheet HTML 32Page - Dialog Semiconductor DA9021 Datasheet HTML 33Page - Dialog Semiconductor DA9021 Datasheet HTML 34Page - Dialog Semiconductor DA9021 Datasheet HTML 35Page - Dialog Semiconductor DA9021 Datasheet HTML 36Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
32 of 142
© 2017 Dialog Semiconductor
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
On resistance
pMOS
RpMOS
incl. pin and routing
0.5
Ω
On resistance
nMOS
RnMOS
incl. pin and routing
0.3
Ω
PFM mode
Output voltage
VBCORE
IOUT < 70 mA
0.5
Note 5
2.075
V
Typical mode
switching current
40
mA
Output current
IOUT
70
mA
Current limit
ILIM
-20 %
150
+30 %
mA
Quiescent current
in PFM mode
IQPFM
IOUT = 0 mA
25
35
µA
Frequency of
operation
0
5
MHz
Efficiency
η
IOUT = 10 mA to 70 mA
80
%
Mode transition
time
16
18
µs
Note 1
Programmable in 25 mV increments with micro voltage ramp step size of 6.25 mV/µs while slewing
Note 2
Minimum tolerance is +/-30 mV
Note 3
VDD > 3.0 V, using Coilcraft LPS3015-222ML
Note 4
The current limits will be automatically doubled when BUCKCORE is merged with BUCKPRO
Note 5
Max. VDD – 1.0 V
8.8.2
BUCKPRO
Table 21: BUCKPRO (DA9021 only)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input voltage
VDD
VDDOUT -
0.3 V
2.8 V min
VDDOUT +
0.3 V
5 V max
V
Output capacitor
COUT
-30 %
20
+30 %
µF
Output capacitor
ESR
f > 100 kHz all caps +
track impedance
25
50
mΩ
Inductor value
LBUCK
-30 %
2.2 to
4.7
+30 %
µH
Inductor resistance
RESR
100
150
mΩ
Output voltage
VBPRO
IOUT = IMAX
0.725
Note 1
2.075
V
Output voltage
accuracy
incl. static line / load
regulation
-3
Note 1
+3
%
Output voltage
ripple
IOUT = IMAX
5
mV
Load regulation
transient
VTRLOAD
IOUT = 0 mA to 500 mA
step,
dI/dt = 50 mA/µs
15
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com