Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 17Page - Dialog Semiconductor DA9021 Datasheet HTML 18Page - Dialog Semiconductor DA9021 Datasheet HTML 19Page - Dialog Semiconductor DA9021 Datasheet HTML 20Page - Dialog Semiconductor DA9021 Datasheet HTML 21Page - Dialog Semiconductor DA9021 Datasheet HTML 22Page - Dialog Semiconductor DA9021 Datasheet HTML 23Page - Dialog Semiconductor DA9021 Datasheet HTML 24Page - Dialog Semiconductor DA9021 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
21 of 142
© 2017 Dialog Semiconductor
6
Recommended operating conditions
All voltages are referenced to VSS unless otherwise stated. Currents flowing into DA9021/22 are
deemed positive, currents flowing out are deemed negative. All parameters are valid over the
recommended temperature range and power supply range unless otherwise noted. Please note that
the power dissipation must be limited to avoid overheating of DA9021/22. The maximum power
dissipation should not be reached with maximum ambient temperature.
Table 6: Recommended operating conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating temperature
Ta
-25
+70
°C
Supply voltage
VBAT
0
4.4
V
Supply voltage charger
VBUS
0
5.5
V
Supply voltage IO
VDD_IO
1.2
3.6
Note 1
V
Note 1
VDD_IO must not exceed VDDOUT.
7
Current consumption
Table 7: Current consumption
Operating mode
Conditions (Ta = 25 °C)
Min
Typ
Max
Unit
NO-POWER
Detection circuits running, oscillator off
15
µA
RESET
VDD_REF > 2.2 V, bucks and LDOs off
(except LDOCORE), RTC unit on
45
µA
POWERDOWN (standby)
VDD_REF > 2.8 V, supplies off (except
LDOCORE), all blocks in
POWERDOWN mode, RTC unit on
45
µA
POWERDOWN (hibernate)
BUCKCORE, LDOCORE, enabled,
RTC and GPIO on
155
Note 1
µA
ACTIVE
All supplies, GPIO, RTC and GPADC
on
375
µA
Note 1
Enabled bucks are set to FORCED SLEEP mode setting
”00”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com