Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 56Page - Dialog Semiconductor DA9021 Datasheet HTML 57Page - Dialog Semiconductor DA9021 Datasheet HTML 58Page - Dialog Semiconductor DA9021 Datasheet HTML 59Page - Dialog Semiconductor DA9021 Datasheet HTML 60Page - Dialog Semiconductor DA9021 Datasheet HTML 61Page - Dialog Semiconductor DA9021 Datasheet HTML 62Page - Dialog Semiconductor DA9021 Datasheet HTML 63Page - Dialog Semiconductor DA9021 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
60 of 142
© 2017 Dialog Semiconductor
Table 36: Wakeup events
Signal / Condition
Wakeup
User
event
System
event
IRQ
Charger attach: E_VBUS_DET
X
X
X
Charger removal: E_VBUS_REM
X
X
X
VDDOUT low prewarning: E_VDD_LOW
X
X
X
RTC alarm: E_ALARM
X
X
X
Sequencing finished: E_SEQ_RDY
X
X
Voltage comparator: E_COMP_1V2
X
X
X
Pressed On key: E_nONKEY
X
X
X
End of battery charging: E_CHG_END
X
X
X
Battery temperature: E_TBAT
X
X
Manual ADC result ready: E_ADC_EOM
X
X
GPIOs: E_GPIx
X
X
X
ADC 4, 5, threshold: via GPI01
X
X
X
SYS_EN, PWR_EN, PWR1_EN (passive to active transition):
via GPIO8, 9, 10
X
X
X
HS-2-wire interface: via GPIO14
X
X
X
13.6.3
Power supply sequencer
The start-up of DA9021/22 supplies is performed with a sequencer that contains a programmable
step timer, a variable ID array of time slot pointers and four predefined pointers (SYSTEM_END,
POWER_END, MAX_COUNT and PART_DOWN). The sequencer is able to control up to 14 IDs (3
buck converters, 5 LDOs, 4 feedback pin level controls, a Wait ID (GPI10) and a POWERDOWN
register), which can be grouped in three power domains. The power domains have configurable size
and their borders are described by the location pointers SYSTEM_END, POWER_END and
MAX_COUNT.
The lowest level power domain SYSTEM starts at step one and ends at the step that is described by
the location pointer SYSTEM_END. The second level domain POWER starts at the successive step
and ends at POWER_END. The third level domain POWER1 starts at the consecutive step and ends
at MAX_COUNT. The values of pointers SYSTEM_END, POWER_END and MAX_COUNT are
predefined in OTP registers and should be configured to be SYSTEM_END < POWER_END <
MAX_COUNT.
The domain SYSTEM by can be understood as a basic set of supplies that are mandatory to
maintain the application in (at least) a standby/hibernate mode. If enabled via control OTPREAD_EN
all supplies of DA9021/22 and the sequencer timer (registers R14 and R43 to R61) are configured
with the default value from OTP before powering up the domain SYSTEM. This will cause a
reconfiguration of all supplies that have been powered down with a preset voltage level.
The second level domain POWER includes additional supplies required to power the main
application and to set DA9021/22 in to ACTIVE mode.
POWER1 can be understood as a subdomain of POWER that can be used for additional
hardware/software initiated control of supply blocks during ACTIVE mode (for example for a sub-
application like WLAN or GSM baseband). Supplies in domain POWER and POWER1 can be
voltage pre-configured and by that sequentially changed during powering down, but will not be reset
to their default values from OTP unless there is a power-up from domain SYSTEM.
NOTE
Running applications should be configured to ACTIVE mode (domain POWER is up) and pointer POWER_END
has to be at least one time slot higher than SYSTEM_END.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com