Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 78 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 78 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 74Page - Dialog Semiconductor DA9021 Datasheet HTML 75Page - Dialog Semiconductor DA9021 Datasheet HTML 76Page - Dialog Semiconductor DA9021 Datasheet HTML 77Page - Dialog Semiconductor DA9021 Datasheet HTML 78Page - Dialog Semiconductor DA9021 Datasheet HTML 79Page - Dialog Semiconductor DA9021 Datasheet HTML 80Page - Dialog Semiconductor DA9021 Datasheet HTML 81Page - Dialog Semiconductor DA9021 Datasheet HTML 82Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
78 of 142
© 2017 Dialog Semiconductor
Table 62: GPIO10 to 11
Register
Bit
Type
Label
Default
Description
R26
GPIO_10-11
1:0
R/W
GPIO10_PIN
01
PIN and status register bit assigned to
00 : PWR1_EN (requires GPIO10_
MODE = ‘1’)
01 : GPI
10: GPO (Open drain)
11: GPO (Push-pull)
2
R/W
GPIO10_TYPE
0
0: GPI/PWR1_EN: active low
GPO: supplied from VDD_IO/internal
pull-up in open-drain mode
1: GPI/PWR1_EN: active high
GPO: blinking from RTC counter,
supplied from VDD_IO/ external pull-up
in open-drain mode
3
R/W
GPIO10_ MODE
1
0: GPI: debouncing off
GPO: Sets output to low level (active
low for blinking) Note 1
1: GPI/PWR1_EN: debouncing on and
generate wakeup, time out from
processing ID WAIT_STEP after 500 ms
GPO: Sets output to high level (active
high for blinking) Note 1
7:4
R/W
1110
RESERVED
Note 1
Active low/high selection available from BC silicon
Table 63: GPIO12 to 13
Register
address
Bit
Type
Label
Default
Description
R27
GPIO_12-13
1:0
R/W
GPIO12_PIN
11
PIN and status register bit assigned to
00: GP_FB1 (EXT_WAKEUP/READY)
01: GPI (LDO9 hardware control)
10: GPO (Open drain)
11: GPO (Push-pull)
2
R/W
GPIO12_TYPE
0
0: GPI: active low
GPO/GP_FB1: supplied from
VDD_IO/internal pull-up for open-drain
1: GPI: active high
GPO/GP_FB1: supplied from
VDD_IO/external pull-up in open-drain
mode
3
R/W
GPIO12_ MODE
0
0: GPI: debouncing off, Set LDO9_EN
when GPI transfers to active state (reset
when GPI gets to passive state)
GPO: Sets output to low level
1: GPI: debouncing on, no LDO9_EN
control
GPO: Sets output to high level
5:4
R/W
GPIO13_PIN
00
PIN assigned to
00: nVDD_FAULT
01: GPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com