Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9021 Datasheet(PDF) 19 Page - Dialog Semiconductor

Part # DA9021
Description  System PMIC with high efficiency USB power manager
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9021 Datasheet(HTML) 19 Page - Dialog Semiconductor

Back Button DA9021 Datasheet HTML 15Page - Dialog Semiconductor DA9021 Datasheet HTML 16Page - Dialog Semiconductor DA9021 Datasheet HTML 17Page - Dialog Semiconductor DA9021 Datasheet HTML 18Page - Dialog Semiconductor DA9021 Datasheet HTML 19Page - Dialog Semiconductor DA9021 Datasheet HTML 20Page - Dialog Semiconductor DA9021 Datasheet HTML 21Page - Dialog Semiconductor DA9021 Datasheet HTML 22Page - Dialog Semiconductor DA9021 Datasheet HTML 23Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
DA9021/22
System PMIC with high efficiency USB power manager
Datasheet
Revision 2.5
17-Feb-2017
CFR0011-120-00 Rev 5
19 of 142
© 2017 Dialog Semiconductor
Pin no.
Pin name
Type
(Table 4)
Description
C5
ADCIN4
AI/DIO
Connection to GP ADC auto channel 4 with threshold IRQ and
resistor measurement option/GPIO_0
D6
ADCIN5
AI/DIO
Connection to GP ADC channel 5 with 1.2 V hardware
comparator IRQ/GPIO_1, enables hardware control of LDO4
VSS
D5
GND
VSS_LDO
E5
GND
VSS_IO
D3
GND
VSS_BP_BP
D4
GND
VSS
E3
GND
VSS_BC_BM
E4
GND
VSS
F4
GND
VSS_BC_BM
Table 4: Pin type definition
Pin type
Description
Pin type
Description
DI
Digital Input
AI
Analog Input
DO
Digital Output
AO
Analog Output
DIO
Digital Input/Output
AIO
Analog Input/Output
DIOD
Digital Input/Output Open Drain
BP
Backdrive Protection
PU
Fixed Pull-Up Resistor
SPU
Switchable Pull-Up Resistor
PD
Fixed Pull-Down Resistor
SPD
Switchable Pull-Down Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com