Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 54 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 50Page - STMicroelectronics PSD833F2 Datasheet HTML 51Page - STMicroelectronics PSD833F2 Datasheet HTML 52Page - STMicroelectronics PSD833F2 Datasheet HTML 53Page - STMicroelectronics PSD833F2 Datasheet HTML 54Page - STMicroelectronics PSD833F2 Datasheet HTML 55Page - STMicroelectronics PSD833F2 Datasheet HTML 56Page - STMicroelectronics PSD833F2 Datasheet HTML 57Page - STMicroelectronics PSD833F2 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
54/110
Table 20. Port Operating Mode Settings
Note: 1. N/A = Not Applicable
2. The direction of the Port A,B,C, and D pins are controlled by the Direction Register ORed with the individual output enable product
term (.oe) from the CPLD AND Array.
3. Any of these three methods enables the JTAG pins on Port C.
Table 21. I/O Port Latched Address Output Assignments
Note: 1. N/A = Not Applicable.
Mode
Defined in
PSDabel
Defined in PSD
Configuration
Control
Register
Setting
Direction
Register
Setting
VM
Register
Setting
JTAG Enable
MCU I/O
Declare pins only
N/A1
0
1 = output,
0 = input
(Note 2)
N/A
N/A
PLD I/O
Logic equations
N/A
N/A
(Note 2)
N/A
N/A
Data Port (Port A)
N/A
Specify bus type
N/A
N/A
N/A
N/A
Address Out
(Port A,B)
Declare pins only
N/A
1
1 (Note 2)
N/A
N/A
Address In
(Port A,B,C,D)
Logic for equation
Input Macrocells
N/A
N/A
N/A
N/A
N/A
Peripheral I/O
(Port A)
Logic equations
(PSEL0 & 1)
N/A
N/A
N/A
PIO bit = 1
N/A
JTAG ISP (Note 3)
JTAGSEL
JTAG
Configuration
N/A
N/A
N/A
JTAG_Enable
MCU
Port A (PA3-PA0)
Port A (PA7-PA4)
Port B (PB3-PB0)
Port B (PB7-PB4)
8051XA (8-Bit)
N/A1
Address a7-a4
Address a11-a8
N/A
80C251
(Page Mode)
N/A
N/A
Address a11-a8
Address a15-a12
All Other
8-Bit Multiplexed
Address a3-a0
Address a7-a4
Address a3-a0
Address a7-a4
8-Bit
Non-Multiplexed Bus
N/A
N/A
Address a3-a0
Address a7-a4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com