Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 15Page - STMicroelectronics PSD833F2 Datasheet HTML 16Page - STMicroelectronics PSD833F2 Datasheet HTML 17Page - STMicroelectronics PSD833F2 Datasheet HTML 18Page - STMicroelectronics PSD833F2 Datasheet HTML 19Page - STMicroelectronics PSD833F2 Datasheet HTML 20Page - STMicroelectronics PSD833F2 Datasheet HTML 21Page - STMicroelectronics PSD833F2 Datasheet HTML 22Page - STMicroelectronics PSD833F2 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 110 page
background image
19/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
DETAILED OPERATION
As shown in Figure 5., page 14, the PSD consists
of six major types of functional blocks:
■
Memory Blocks
■
PLD Blocks
■
MCU Bus Interface
■
I/O Ports
■
Power Management Unit (PMU)
■
JTAG Interface
The functions of each block are described in the
following sections. Many of the blocks perform
multiple functions, and are user configurable.
Memory Blocks
The PSD has the following memory blocks:
–
Primary Flash memory
–
Optional Secondary Flash memory
–
Optional SRAM
The Memory Select signals for these blocks origi-
nate from the Decode PLD (DPLD) and are user-
defined in PSDsoft Express.
Table 8. Memory Block Size and Organization
Primary Flash Memory
Secondary Flash Memory
SRAM
Sector
Number
Sector Size
(Bytes)
Sector Select
Signal
Sector Size
(Bytes)
Sector Select
Signal
SRAM Size
(Bytes)
SRAM Select
Signal
0
32K
FS0
16K
CSBOOT0
256K
RS0
1
32K
FS1
16K
CSBOOT1
2
32K
FS2
16K
CSBOOT2
3
32K
FS3
16K
CSBOOT3
4
32K
FS4
5
32K
FS5
6
32K
FS6
7
32K
FS7
Total
512K
8 Sectors
64K
4 Sectors
256K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com