Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 76Page - STMicroelectronics PSD833F2 Datasheet HTML 77Page - STMicroelectronics PSD833F2 Datasheet HTML 78Page - STMicroelectronics PSD833F2 Datasheet HTML 79Page - STMicroelectronics PSD833F2 Datasheet HTML 80Page - STMicroelectronics PSD833F2 Datasheet HTML 81Page - STMicroelectronics PSD833F2 Datasheet HTML 82Page - STMicroelectronics PSD833F2 Datasheet HTML 83Page - STMicroelectronics PSD833F2 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
80/110
Figure 40. Input to Output Disable / Enable
Table 47. CPLD Combinatorial Timing (5V devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
Table 48. CPLD Combinatorial Timing (3V devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD0. Decrement times by given amount.
Symbol
Parameter
Conditions
-70
-90
-15
Fast
PT
Aloc
Turbo
Off
Slew
rate1
Unit
Min
Max
Min
Max
Min
Max
tPD
CPLD Input Pin/
Feedback to CPLD
Combinatorial Output
20
25
32
+ 2
+ 10
– 2
ns
tEA
CPLD Input to CPLD
Output Enable
21
26
32
+ 10
– 2
ns
tER
CPLD Input to CPLD
Output Disable
21
26
32
+ 10
– 2
ns
tARP
CPLD Register Clear
or Preset Delay
21
26
33
+ 10
– 2
ns
tARPW
CPLD Register Clear
or Preset Pulse Width
10
20
29
+ 10
ns
tARD
CPLD Array Delay
Any
macrocell
11
16
22
+ 2
ns
Symbol
Parameter
Conditions
-12
-15
-20
PT
Aloc
Turbo
Off
Slew
rate1
Unit
Min
Max
Min
Max
Min
Max
tPD
CPLD Input Pin/
Feedback to CPLD
Combinatorial Output
40
45
50
+ 4
+ 20
– 6
ns
tEA
CPLD Input to CPLD
Output Enable
43
45
50
+ 20
– 6
ns
tER
CPLD Input to CPLD
Output Disable
43
45
50
+ 20
– 6
ns
tARP
CPLD Register Clear
or
Preset Delay
40
43
48
+ 20
– 6
ns
tARPW
CPLD Register Clear
or
Preset Pulse Width
25
30
35
+ 20
ns
tARD
CPLD Array Delay
Any
macrocell
25
29
33
+ 4
ns
tER
tEA
INPUT
INPUT TO
OUTPUT
ENABLE/DISABLE
AI02863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com