Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 68Page - STMicroelectronics PSD833F2 Datasheet HTML 69Page - STMicroelectronics PSD833F2 Datasheet HTML 70Page - STMicroelectronics PSD833F2 Datasheet HTML 71Page - STMicroelectronics PSD833F2 Datasheet HTML 72Page - STMicroelectronics PSD833F2 Datasheet HTML 73Page - STMicroelectronics PSD833F2 Datasheet HTML 74Page - STMicroelectronics PSD833F2 Datasheet HTML 75Page - STMicroelectronics PSD833F2 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
72/110
AC/DC PARAMETERS
These tables describe the AD and DC parameters
of the PSD:
❏
DC Electrical Specification
❏
AC Timing Specification
■
PLD Timing
–
Combinatorial Timing
–
Synchronous Clock Mode
–
Asynchronous Clock Mode
–
Input Macrocell Timing
■
MCU Timing
–
READ Timing
–WRITE Timing
–
Peripheral Mode Timing
–
Power-down and Reset Timing
The following are issues concerning the parame-
ters presented:
–
In the DC specification the supply current is
given for different modes of operation. Before
calculating the total power consumption,
determine the percentage of time that the PSD
is in each mode. Also, the supply power is
considerably different if the Turbo Bit is ’0.’
–
The AC power component gives the PLD,
Flash memory, and SRAM mA/MHz
specification. Figures 35 and 36 show the PLD
mA/MHz as a function of the number of
Product Terms (PT) used.
–
In the PLD timing parameters, add the
required delay when Turbo Bit is ’0.’
Figure 35. PLD ICC /Frequency Consumption (5V range)
Figure 36. PLD ICC /Frequency Consumption (3V range)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TUR
BO
ON
(100%
)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%
AI02894
0
10
20
30
40
50
60
VCC = 3V
010
15
5
20
25
TURBO
ON (100%)
TURB
O ON
(25%
)
TU
RB
O O
FF
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
PT 100%
PT 25%
AI03100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com