Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 58 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 54Page - STMicroelectronics PSD833F2 Datasheet HTML 55Page - STMicroelectronics PSD833F2 Datasheet HTML 56Page - STMicroelectronics PSD833F2 Datasheet HTML 57Page - STMicroelectronics PSD833F2 Datasheet HTML 58Page - STMicroelectronics PSD833F2 Datasheet HTML 59Page - STMicroelectronics PSD833F2 Datasheet HTML 60Page - STMicroelectronics PSD833F2 Datasheet HTML 61Page - STMicroelectronics PSD833F2 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 110 page
background image
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
58/110
Input Macrocells (IMC)
The Input Macrocells (IMC) can be used to latch or
store external inputs. The outputs of the Input
Macrocells (IMC) are routed to the PLD input bus,
and can be read by the MCU. See the section en-
titled PLDS, page 33.
Enable Out
The Enable Out register can be read by the MCU.
It contains the output enable values for a given
port. A 1 indicates the driver is in output mode. A
0 indicates the driver is in tri-state and the pin is in
input mode.
Ports A and B – Functionality and Structure
Ports A and B have similar functionality and struc-
ture, as shown in Figure 28. The two ports can be
configured to perform one or more of the following
functions:
■
MCU I/O Mode
■
CPLD Output – Macrocells McellAB7-
McellAB0 can be connected to Port A or Port
B. McellBC7-McellBC0 can be connected to
Port B or Port C.
■
CPLD Input – Via the Input Macrocells (IMC).
■
Latched Address output – Provide latched
address output as per Table 21., page 54.
■
Address In – Additional high address inputs
using the Input Macrocells (IMC).
■
Open Drain/Slew Rate – pins PA3-PA0 and
PB3-PB0 can be configured to fast slew rate,
pins PA7-PA4 and PB7-PB4 can be
configured to Open Drain Mode.
■
Data Port – Port A to D7-D0 for 8 bit non-
multiplexed bus
■
Multiplexed Address/Data port for certain
types of MCU bus interfaces.
■
Peripheral Mode – Port A only
Figure 28. Port A and Port B Structure
DATA OUT
REG.
DQ
D
G
Q
DQ
DQ
WR
WR
WR
ADDRESS
MACROCELL OUTPUTS
ENABLE PRODUCT TERM (.OE)
ALE
READ MUX
P
D
B
CPLD - INPUT
CONTROL REG.
DIR REG.
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT
A OR B PIN
DATA OUT
ADDRESS
A[ 7:0] OR A[15:8]
AI02887



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com