Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD833F2
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 5V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 51Page - STMicroelectronics PSD833F2 Datasheet HTML 52Page - STMicroelectronics PSD833F2 Datasheet HTML 53Page - STMicroelectronics PSD833F2 Datasheet HTML 54Page - STMicroelectronics PSD833F2 Datasheet HTML 55Page - STMicroelectronics PSD833F2 Datasheet HTML 56Page - STMicroelectronics PSD833F2 Datasheet HTML 57Page - STMicroelectronics PSD833F2 Datasheet HTML 58Page - STMicroelectronics PSD833F2 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
55/110
PSD813F2, PSD833F2, PSD834F2, PSD853F2, PSD854F2
Address In Mode
For MCUs that have more than 16 address sig-
nals, the higher addresses can be connected to
Port A, B, C, and D. The address input can be
latched in the Input Macrocell (IMC) by Address
Strobe (ALE/AS, PD0). Any input that is included
in the DPLD equations for the SRAM, or primary or
secondary Flash memory is considered to be an
address input.
Data Port Mode
Port A can be used as a data bus port for a MCU
with a non-multiplexed address/data bus. The
Data Port is connected to the data bus of the MCU.
The general I/O functions are disabled in Port A if
the port is configured as a Data Port.
Peripheral I/O Mode
Peripheral I/O mode can be used to interface with
external peripherals. In this mode, all of Port A
serves as a tri-state, bi-directional data buffer for
the MCU. Peripheral I/O Mode is enabled by set-
ting Bit 7 of the VM Register to a ’1.’ Figure 27
shows how Port A acts as a bi-directional buffer for
the MCU data bus if Peripheral I/O Mode is en-
abled. An equation for PSEL0 and/or PSEL1 must
be written in PSDabel. The buffer is tri-stated
when PSEL0 or PSEL1 is not active.
Figure 27. Peripheral I/O Mode
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0 - D7
DATA BUS
AI02886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com